công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RTS-1B1-R/E

  • AI
    The **RTS-1B1-R/E** is a high-performance **Remote Terminal Unit (RTU)** or controller module typically utilized in industrial automation, building management systems (BMS), and HVAC control. It is often associated with brands like **Daikin** or **Reliable Controls**, serving as an interface between central systems and localized hardware. --- ### 1. Key Technical Specifications The electronics of the RTS-1B1-R/E are designed for durability and real-time communication. | Feature | Description | | :--- | :--- | | **Microprocessor** | High-speed 32-bit or 16-bit RISC architecture for logic processing. | | **Communication** | RS-485 / BACnet MS/TP or proprietary protocol support. | | **Power Supply** | Typically 24V AC/DC (Standard Industrial Input). | | **Input Channels** | Analog (0-10V, 4-20mA) and Digital (Dry contact) inputs. | | **Output Channels** | Relay outputs or Analog control signals for actuators. | | **Enclosure** | Industrial-grade plastic/metal with DIN rail or wall mounting. | --- ### 2. Electronic Component Breakdown #### A. Power Regulation Circuit To protect the internal logic from electrical noise, the board contains: * **Step-down Converters:** Converts 24V input to 5V or 3.3V for the ICs. * **Varistors (MOV):** Protects against voltage surges common in industrial environments. #### B. The Communication Block The "R/E" designation often refers to specific communication enhancements. * **Transceivers:** Uses chips like the MAX485 to handle long-distance data transmission over twisted-pair wiring. * **Isolation:** Optocouplers are often present to prevent ground loops from damaging the main processor. #### C. Human-Machine Interface (HMI) * **LED Indicators:** Onboard LEDs provide diagnostic feedback (Power, Run, Error, Comm status). * **DIP Switches:** Used for hardware-level addressing (setting the MAC address on a network). --- ### 3. Connection Schematic Example When wiring the electronic pins, the configuration usually follows this logic: ```markdown Terminal Block Layout (Typical) --------------------------------- [ 24V+ ] [ 24V- ] -> Power Input [ A+ ] [ B- ] -> RS-485 Communication [ IN1 ] [ COM ] -> Sensor Input [ NO1 ] [ COM ] -> Relay Output (Normally Open) ``` --- ### 4. Common Applications * **HVAC Integration:** Bridging Daikin VRV/VRF systems to a third-party BMS. * **Lighting Control:** Triggering relays based on scheduled digital inputs. * **Data Logging:** Monitoring environmental sensors and reporting via BACnet.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the RS-485 port on this model?
    • ⤷ How do I configure the DIP switches for BACnet addressing?
    • ⤷ What is the maximum current rating for the onboard relay outputs?