RTS-13D-R/E
AI

The **RTS-13D-R/E** is a specialized electronic component, typically categorized as a **Room Temperature Sensor** or a **Resistance Temperature Detector (RTD)** assembly, often used in HVAC and industrial climate control systems (such as those by Johnson Controls or similar building automation brands).
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The device is designed to measure ambient air temperature and convert that physical property into an electrical signal (resistance) that a controller can interpret.
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | RTD (Resistance Temperature Detector) |
| **Element Type** | Typically 1k Ohm Platinum or Nickel (Model dependent) |
| **Configuration** | Wall-mount / Room Sensor |
| **Output Signal** | Passive Resistance |
| **Operating Range** | 0°C to 50°C (Standard Indoor) |
---
### 2. Core Electronic Components
The internal circuitry of the RTS-13D-R/E is relatively simple but precision-engineered for stability.
#### A. Sensing Element
* **Material:** Most "RTS" series sensors use a thin-film platinum element.
* **Function:** As the room temperature increases, the electrical resistance of the platinum increases in a highly linear and predictable fashion.
#### B. The "R/E" Suffix Meaning
In electronic part numbering for these sensors:
* **-R:** Often indicates a **Remote** capability or a specific **Resistance** curve.
* **-E:** Usually denotes **External** adjustment or a specific European/International standard compliance.
#### C. Terminals and Wiring
The unit features a terminal block on the rear of the PCB:
* **2-Wire Connection:** Standard passive resistance output.
* **Polarity:** Since it is a passive resistor, polarity is generally not required, making it easier to integrate into Analog Input (AI) ports of a PLC or DDC controller.
---
### 3. Electronic Behavior (Resistance Table)
If the sensor uses a standard **1k Ohm Platinum (Pt1000)** element, the electrical behavior follows this approximate curve:
| Temperature (°C) | Resistance (Ohms) |
| :--- | :--- |
| 0°C | 1000.0 Ω |
| 10°C | 1039.0 Ω |
| 20°C | 1077.9 Ω |
| 25°C | 1097.3 Ω |
| 30°C | 1116.7 Ω |
---
### 4. Application Integration
1. **Voltage Divider:** The controller applies a small reference voltage (usually 5V or 10V) across the sensor.
2. **Analog-to-Digital Conversion (ADC):** The voltage drop across the RTS-13D-R/E is measured.
3. **Calculation:** The software uses the *Steinhart-Hart* equation or a linear lookup table to display the temperature on a thermostat or BMS interface.
- ⤷
What is the exact resistance value at 25°C for this specific model?
- ⤷ Does the RTS-13D-R/E support a 4-20mA current loop output?
- ⤷ What are the mounting requirements for the electronic housing?