RTS-12B-R
AI

The **RTS-12B-R** is a specific model of a **Rotary DIP Switch** manufactured by companies like **Copal Electronics (Nidec)**. These components are used to set binary or hexadecimal values manually on a circuit board, typically for addressing, configuration, or mode selection.
---
## 1. Technical Specifications
The "RTS-12B-R" designation usually breaks down into specific electrical and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Rotary DIP Switch |
| **Number of Positions** | 10 (Decimal) or 16 (Hexadecimal) - *Variant dependent* |
| **Output Code** | Real Binary Code (or BCD) |
| **Actuator Style** | Recessed / Screwdriver slot |
| **Mounting Type** | Through-hole (PCB) |
| **Contact Rating** | 100mA @ 5V DC (Switching), 100mA @ 50V DC (Non-switching) |
| **Contact Resistance** | 100 mΩ maximum |
---
## 2. Key Electronic Components & Materials
The internal construction of the RTS-12B-R involves several critical materials to ensure long-term reliability:
* **Contacts:** Usually plated with **Gold (Au)** over Nickel. Gold is used because it prevents oxidation, ensuring a stable connection even after years of inactivity.
* **Housing:** Made of high-temperature resistant plastic (such as PPS or PBT), allowing the part to withstand wave soldering temperatures.
* **Rotor:** The internal dial that rotates to bridge specific electrical paths to the output pins.
* **O-ring Seal:** The "-R" suffix often indicates a "RoHS compliant" or "Resin-sealed" version. A sealed construction allows the part to be washed (aqueous cleaning) after soldering without damaging the internal contacts.
---
## 3. Terminal Layout & Logic
The switch functions as a mechanical encoder. It has one **Common (C)** pin and several output pins (1, 2, 4, 8).
### Binary Coded Decimal (BCD) Truth Table
When the dial is turned, it creates a physical short between the Common pin and the output pins according to the position:
| Position | Pin 1 | Pin 2 | Pin 4 | Pin 8 |
| :--- | :--- | :--- | :--- | :--- |
| **0** | Open | Open | Open | Open |
| **1** | **Closed** | Open | Open | Open |
| **3** | **Closed** | **Closed** | Open | Open |
| **8** | Open | Open | Open | **Closed** |
---
## 4. Common Applications
* **Industrial Controls:** Setting Modbus or CAN bus node IDs.
* **Telecommunications:** Configuring hardware presets.
* **Home Automation:** Setting unique addresses for wireless sensors or light switches.
* **Testing Equipment:** Manually toggling logic states during prototyping.
- ⤷
What is the difference between Real Code and Complementary Code in rotary switches?
- ⤷ How do I interpret the 'R' suffix in Copal Electronics part numbers?
- ⤷ Can this switch be used for high-voltage AC applications?