RTD-35V102MJHTQ-R5
AI

The part number **RTD-35V102MJHTQ-R5** corresponds to a specific Aluminum Electrolytic Capacitor, typically manufactured by companies like **ELNA** or similar high-reliability component producers. This specific series is often designed for automotive or high-temperature industrial applications.
---
## 1. Technical Specifications Breakdown
| Parameter | Value / Description | Details |
| :--- | :--- | :--- |
| **Part Series** | RTD | Low ESR, High Reliability, Automotive Grade |
| **Capacitance** | 1000 µF (102) | "102" follows the code: 10 + 2 zeros |
| **Voltage Rating** | 35V | Maximum working DC voltage |
| **Case Size Code** | JHT (or MJH) | Represents physical dimensions (e.g., 10x12.5mm or similar) |
| **Mounting Type** | SMD (V-Chip) | Surface Mount Technology |
| **Tolerance** | ±20% (M) | Standard industry tolerance for electrolytics |
| **Packaging** | R5 | Tape and Reel (7" or 13" reel specification) |
---
## 2. Key Features
### Performance Characteristics
* **High Temperature Resistance:** Usually rated for **125°C** or **150°C**, making it suitable for engine compartments or heavy machinery.
* **Low ESR:** Low Equivalent Series Resistance allows for high ripple current handling and better efficiency in power filtering.
* **Vibration Resistance:** The "RTD" series often features anti-vibration structures (additional support legs) to survive high-G environments.
### Construction
* **Dielectric:** Aluminum Oxide.
* **Electrolyte:** Liquid or polymer-based (depending on the specific sub-series sub-type).
* **Form Factor:** Vertical Chip (V-Chip) for automated SMT assembly.
---
## 3. Typical Applications
These capacitors are found in circuits requiring high energy density and extreme durability:
1. **Automotive ECUs:** Power management for engine control units.
2. **LED Lighting Drivers:** Filtering output noise in high-heat environments.
3. **DC-DC Converters:** Smoothing input/output voltage in industrial power supplies.
4. **ADAS Systems:** Reliability for Advanced Driver Assistance Systems.
---
## 4. Equivalent Reference Table
If this specific part is unavailable, engineers typically look for these alternatives within the same footprint:
| Manufacturer | Series | Key Match Feature |
| :--- | :--- | :--- |
| **Panasonic** | TP / TC / TQ | Automotive Grade, High Temp |
| **Nichicon** | UCZ / UCM | Low ESR, SMD |
| **Rubycon** | TGV / TZV | Long Life, Surface Mount |
- ⤷
What are the exact physical dimensions for the 'MJH' case code?
- ⤷ How does the ripple current rating of this RTD series compare to standard capacitors?
- ⤷ Is this part AEC-Q200 qualified for automotive use?