công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RTD-16V332MKHTQ-R5

  • AI
    The part number **RTD-16V332MKHTQ-R5** refers to a high-performance **Aluminum Electrolytic Capacitor**. These components are specifically designed for high-reliability applications, often within the automotive or industrial sectors. Below is a detailed breakdown of the electronic specifications and characteristics for this part. ### 1. Specification Overview | Parameter | Value / Specification | | :--- | :--- | | **Capacitance** | 3300 µF (Microfarads) | | **Voltage Rating** | 16 V (DC) | | **Tolerance** | ±20% | | **Technology** | Aluminum Electrolytic (Radial Lead) | | **Temperature Range** | Typically -55°C to +125°C (High Temp) | | **Endurance** | High life cycles (e.g., 2000 to 5000 hours at max temp) | | **Termination** | Through-hole (Radial) | --- ### 2. Part Number Breakdown While naming conventions vary slightly by manufacturer (such as Lelon, Samyoung, or United Chemi-Con), the alphanumeric string follows this logic: * **RTD**: Represents the **Series**. The "RTD" series is generally categorized as a **Low ESR (Equivalent Series Resistance)** and **High Ripple Current** series, often compliant with AEC-Q200 (automotive standards). * **16V**: The maximum working voltage. * **332**: The capacitance code. The first two digits (33) are the significant figures, and the third (2) is the multiplier ($10^2$). $33 \times 100 = 3300$ µF. * **M**: The tolerance code ($M = \pm 20\%$). * **KHTQ**: Internal manufacturing codes for case size (diameter x height), lead spacing, and electrolyte type. * **R5**: Packaging code (usually indicating bulk or specific ammo-pack taping). --- ### 3. Key Electronic Characteristics #### A. Low ESR (Equivalent Series Resistance) This capacitor is designed to have very low internal resistance. This allows it to handle high-frequency switching and prevents internal heating during operation, making it ideal for power supplies. #### B. High Ripple Current Because of the low ESR, this part can withstand significant "ripple"—the AC component riding on a DC signal—without degrading. This is crucial for filtering output stages in DC-DC converters. #### C. Thermal Stability The "RTD" designation often points to a wide temperature range. Unlike standard capacitors rated for 85°C or 105°C, these are frequently rated for **125°C**, allowing them to be placed near heat-generating components like engines or power transistors. --- ### 4. Common Applications * **Automotive Electronics:** Used in Engine Control Units (ECUs) and Infotainment systems. * **Smoothing & Filtering:** Reducing noise in 12V power rails. * **Power Supplies:** Input/Output filters for high-efficiency switching regulators. * **Industrial Automation:** Reliability in environments with high vibration and heat.
    ✨ Follow-up Questions
    • ⤷ What is the physical case size (dimensions) for the RTD-16V332MKHTQ-R5?
    • ⤷ How does an RTD series capacitor differ from a standard general-purpose electrolytic capacitor?
    • ⤷ What are the recommended soldering profiles for this through-hole component?