AI

### RT8800AGQV Technical Overview
The **RT8800AGQV** is a high-performance, multi-phase synchronous buck controller manufactured by Richtek Technology. It is primarily designed to power high-current microprocessors, such as those used in desktop computers, servers, and industrial workstations.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Controller Type** | Multi-Phase PWM Controller |
| **Phase Count** | Up to 4-Phase |
| **Input Voltage Range** | 5V to 12V |
| **Output Voltage Range** | 0.8V to 1.6V (VID Programmable) |
| **Package Type** | VQFN-40L 6x6 (Green) |
| **Control Method** | Current Mode (Constant On-Time/Fixed Frequency) |
| **Protections** | OVP, UVP, OTP, OCP |
---
### 2. Core Functional Components
The internal architecture of the RT8800AGQV consists of several critical electronic sections:
#### A. VID (Voltage Identification) DAC
The device features a built-in DAC that reads digital signals from the CPU to set the output voltage. It typically supports **Intel VR10/VR11** and **AMD 6-bit** VID codes, allowing the processor to dynamically adjust its power levels.
#### B. Phase Interleaving Logic
Instead of all MOSFETs turning on at once, the controller staggers the switching timing of each phase.
* **Benefit:** Reduces input ripple current and output voltage ripple.
* **Benefit:** Lowers the physical size requirement for output capacitors.
#### C. Error Amplifier and Compensation
The RT8800AGQV uses high-bandwidth error amplifiers to maintain a stable output voltage under extreme load transients (sudden changes in CPU activity).
#### D. Current Sensing and Load Line
It supports both **Inductor DCR sensing** (cheaper, utilizes the resistance of the inductor) or **Resistor sensing** (more accurate). This is used for:
1. **Current Balancing:** Ensuring each phase carries an equal load.
2. **Adaptive Voltage Positioning (AVP):** Often called "Droop," which lowers the voltage slightly as current increases to keep the CPU within thermal limits.
---
### 3. Application Circuit Components
To build a functional power supply using the RT8800AGQV, the following external parts are required:
1. **Gate Drivers (e.g., RT9605):** The RT8800A is a controller, not a power stage. It requires external driver ICs to switch the high-side and low-side MOSFETs.
2. **Power MOSFETs:** High-current N-Channel MOSFETs for each phase.
3. **Inductors:** High-current power inductors (one per phase).
4. **Capacitors:** A mix of polymer/tantalum and ceramic capacitors for input/output filtering.
---
### 4. Typical Pins and Their Functions
| Pin Name | Function |
| :--- | :--- |
| **PWM1-4** | Output signals to the external Gate Drivers. |
| **ISP/ISN** | Current sense inputs for balancing and protection. |
| **FB/COMP** | Feedback and loop compensation nodes. |
| **EN** | Chip enable signal. |
| **PGOOD** | Power good indicator (logic high when voltage is within range). |
- ⤷
What are the main differences between the RT8800A and the RT8800B variants?
- ⤷ Can you provide a typical application circuit diagram description for a 3-phase setup?
- ⤷ How does Inductor DCR sensing work in this controller compared to resistor sensing?