công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RT8016L

  • AI
    ## RT8016L: High-Efficiency Step-Down Converter The **RT8016L** is a high-efficiency, monolithic synchronous step-down (Buck) DC/DC converter. It is designed specifically for portable electronic devices where space is limited and power efficiency is critical. --- ### 1. Key Specifications and Characteristics Below is a technical summary of the RT8016L electronic parameters: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.5V to 5.5V | | **Output Current** | Up to 600mA | | **Switching Frequency** | 1.5 MHz (Fixed) | | **Feedback Voltage** | 0.6V (±2% Accuracy) | | **Efficiency** | Up to 95% | | **Quiescent Current** | < 50µA | | **Package Type** | SOT-23-5 | --- ### 2. Main Features * **Synchronous Rectification:** It integrates internal low $R_{DS(ON)}$ power MOSFETs, eliminating the need for an external Schottky diode and improving efficiency. * **High Switching Frequency:** The 1.5 MHz frequency allows the use of small, low-profile inductors and capacitors, saving PCB real estate. * **100% Duty Cycle (Dropout Mode):** When the input voltage drops close to the output voltage, the internal P-MOSFET stays on continuously to maximize battery life. * **Internal Soft-Start:** Reduces inrush current during startup. * **Protection Mechanisms:** * Over-Temperature Protection (Thermal Shutdown). * Short Circuit Protection. * Under-Voltage Lockout (UVLO). --- ### 3. Pin Configuration The RT8016L typically comes in a 5-pin SOT-23 package: 1. **EN (Enable):** Logic high to turn on; logic low to shut down. 2. **GND (Ground):** Common ground for power and signals. 3. **LX (Switching Node):** Connection point for the external inductor. 4. **VIN (Power Input):** Supply voltage input. 5. **FB (Feedback):** Receives the feedback voltage from the output resistor divider to regulate the output. --- ### 4. Typical Application Circuit To set the output voltage ($V_{OUT}$), an external resistor divider ($R_1$ and $R_2$) is used. The formula is: `V_OUT = 0.6V * (1 + R1 / R2)` ```text VIN ----+---------+ | | [C_IN] [RT8016L] | | LX |----[Inductor]----+---- VOUT GND | FB | | +------+ [R1] | +----[C_OUT]---- GND | [R2] | GND ``` --- ### 5. Common Applications * Cellular Phones and Smart Phones * Wireless and DSL Modems * Digital Still Cameras * Portable Instruments * Microprocessor Core Supplies
    ✨ Follow-up Questions
    • What are the recommended values for the inductor and output capacitor for a 1.8V output?
    • How does the RT8016L differ from the standard RT8016 version?
    • Can the RT8016L be used with an input voltage higher than 5.5V?