công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RT-36-R/

  • AI
    The **RT-36-R** is typically associated with high-precision **Rotary Tables** or **Indexing Tables** used in CNC machining and automated manufacturing. These devices rely on a sophisticated integration of electromechanical components to achieve sub-degree positioning accuracy. Below is an explanation of the primary electronic and electromechanical parts found in these systems. --- ### 1. Core Electronic Components The electronics of the RT-36-R are responsible for power distribution, signal processing, and motion control. | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Servo Motor** | The primary driver of rotation. | Uses AC brushless technology for high torque and heat dissipation. | | **Rotary Encoder** | Provides position feedback. | Often high-resolution (absolute or incremental) to ensure arc-second accuracy. | | **Limit Switches** | Safety and homing. | Prevents over-travel and defines the "Home" or "Zero" reference point. | | **Solenoid Valves** | Pneumatic/Hydraulic control. | Used to engage and disengage the internal braking or clamping mechanism. | --- ### 2. The Control System (Drive Unit) The RT-36-R does not operate in isolation; it requires a **Servo Drive (Amplifier)** to interpret commands from the CNC controller. * **Logic Circuitry:** Processes the Pulse/Direction or Analog signals from the main CNC. * **Power Stage:** Converts incoming AC/DC power into the specific frequency and voltage required by the servo motor. * **Feedback Loop:** Constantly compares the Encoder's actual position against the commanded position, making micro-adjustments in real-time. --- ### 3. Connection and Interface The electronic interface usually consists of heavy-duty industrial connectors: 1. **Power Cable:** Supplies high-voltage current to the motor windings. 2. **Signal/Encoder Cable:** Carries low-voltage data regarding position, speed, and temperature. 3. **I/O Interface:** Connects the internal sensors (like pressure sensors for the clamp) to the machine's PLC. --- ### 4. Key Electronic Specifications (Typical) While specific configurations vary based on the exact manufacturer (e.g., Nikken, Ganro, or Golden Sun), the following electronics standards are common for this class of table: * **Input Voltage:** 200V - 230V AC (3-Phase). * **Feedback Resolution:** Often 1,000,000+ pulses per revolution. * **Protection Rating:** IP65 or IP67 (Dust-tight and water-resistant for coolant exposure). * **Braking System:** Fail-safe electronic control of hydraulic/pneumatic clamps. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the RT-36-R encoder?
    • ⤷ How do I troubleshoot a 'Positioning Error' on this rotary table?
    • ⤷ Is the RT-36-R compatible with Fanuc or Siemens controllers?