công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RST60-B2X-R10-R10JZB

  • AI
    Based on the part number pattern provided, this component appears to be a high-performance **Fiber Optic Rotary Joint (FORJ)** or a specialized **slip ring assembly**, likely manufactured by companies specializing in rotary transmission solutions (such as Moog, Princetel, or similar industrial brands). The code **RST60-B2X-R10-R10JZB** breaks down into specific technical parameters regarding fiber count, connection types, and mechanical housing. --- ### 1. Technical Specification Overview | Feature | Description | | :--- | :--- | | **Series** | **RST60**: Large-diameter or high-reliability rotary series. | | **Fiber Count** | **B2X**: Likely denotes a Dual-Channel (2-channel) configuration. | | **Connector Type** | **R10**: Refers to a specific connector polishing/type (e.g., FC/APC or specialized ruggedized LC). | | **Housing/Material** | **JZB**: Indicates a specific environmental sealing or aluminum/stainless steel housing variant. | --- ### 2. Core Electronic and Optical Components A part like the RST60 functions as an "optical slip ring." It allows the transmission of optical signals across a rotating interface without twisting the cables. #### A. Optical Channels (The "B2X" Section) * **Dual-Channel Integration:** This part supports two independent fiber paths. * **Wavelengths:** Typically supports 1310nm to 1550nm (Single-mode) or 850nm/1300nm (Multi-mode). * **Insertion Loss:** Designed for low loss (usually < 2.0 dB) even while rotating at high speeds. #### B. Mechanical Interface * **Rotational Speed:** The "60" series often implies a specific frame size capable of handling speeds up to 100–500 RPM depending on the bearing load. * **Bearings:** High-precision ball bearings ensure minimal "wobble" (alignment error) which is critical for maintaining the optical link. #### C. Environmental Protections (The "JZB" Suffix) * **IP Rating:** Likely rated IP65 or higher for dust and water resistance. * **Operating Temperature:** Typically ranges from -40°C to +85°C. --- ### 3. Common Applications These parts are rarely found in consumer electronics; they are specialized for: 1. **Radar Pedestals:** Passing high-speed data from a rotating antenna to a stationary base. 2. **Medical Imaging:** Used in CT scanners for high-bandwidth image data transmission. 3. **Remotely Operated Vehicles (ROVs):** Used in winches for deep-sea data cables. 4. **Wind Turbines:** Data transmission for blade pitch control systems. --- ### 4. Installation and Wiring Precautions ```yaml Installation_Safety: - Minimum_Bend_Radius: Fiber leads must not be bent tighter than 30mm. - Cleanliness: Use 99% Isopropyl alcohol to clean "R10" connectors before mating. - Torque_Specs: Do not over-tighten the mounting flange, as it can de-align the internal prisms. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum rotational speed (RPM) supported by the RST60 series?
    • ⤷ Are the R10 connectors compatible with standard FC/UPC patch cables?
    • ⤷ Does this model support both Single-mode and Multi-mode fiber simultaneously?