công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RS3-403N-R15

  • AI
    The **RS3-403N-R15** is a high-precision, low-profile rotary encoder (often categorized as a rotary switch or hollow shaft encoder) commonly used in consumer electronics, automotive controls, and audio equipment. --- ### 1. Key Technical Specifications The following table highlights the general electrical and mechanical characteristics typical for this specific series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Incremental Rotary Encoder | | **Resolution** | 15 Pulses / 30 Detents | | **Voltage Rating** | 5V DC (standard logic level) | | **Current Rating** | 10mA (maximum) | | **Contact Resistance** | ≤ 100 mΩ | | **Insulation Resistance** | 100MΩ at 250V DC | | **Operating Life** | 30,000 to 100,000 cycles | | **Mounting Style** | SMD (Surface Mount Device) or Through-Hole | --- ### 2. Physical Construction The "R15" suffix usually denotes specific physical dimensions or the number of pulses per revolution. * **Hollow Shaft Design:** It features a ring-shaped center, allowing other components (like LEDs or buttons) to pass through the middle. * **Detent Mechanism:** It provides tactile feedback (clicks) when rotated, which is essential for user-interface precision. * **Terminal Layout:** Typically features 3 main pins for the encoder signals (A, B, and Common) and additional pins for mounting stability. --- ### 3. Electronic Functionality This part functions as an **Incremental Encoder** using Quadrature Output. #### Output Logic It outputs two square wave signals (Phase A and Phase B). By comparing the timing of these pulses, the microcontroller can determine: 1. **Direction:** If A leads B, it is rotating clockwise; if B leads A, it is counter-clockwise. 2. **Speed:** The frequency of the pulses indicates how fast the knob is being turned. 3. **Position:** By counting pulses from a starting point, the relative position is tracked. --- ### 4. Common Applications * **Audio Gear:** Volume control knobs on car stereos or amplifiers. * **White Goods:** Selection dials on microwave ovens or washing machines. * **Instrumentation:** Menu navigation on oscilloscopes or multimeters. * **Automotive:** Temperature and fan speed controls in HVAC systems. --- ### 5. Integration Example (Pseudo-code) To read this part with a microcontroller (like an Arduino), you typically use an interrupt-driven approach: ```cpp // Example: Basic Quadrature Decoding void handleEncoder() { int stateA = digitalRead(pinA); int stateB = digitalRead(pinB); if (stateA == stateB) { count++; // Clockwise } else { count--; // Counter-clockwise } } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the RS3-403N-R15?
    • ⤷ Does this model include an integrated push-button switch?
    • ⤷ What are the recommended pull-up resistor values for the A and B signal lines?