AI

The **RS-5D3-R2** is a specialized, high-reliability electromagnetic relay, often utilized in aerospace, defense, and high-performance industrial applications. It is part of the RS series, known for its miniature size and robust environmental resistance.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical and mechanical characteristics of the RS-5D3-R2:
| Parameter | Specification |
|:---|:---|
| **Contact Arrangement** | 2 Form C (DPDT - Double Pole Double Throw) |
| **Coil Voltage (Nominal)** | 5 VDC |
| **Coil Resistance** | Approximately 50 - 64 Ohms (varies by sub-series) |
| **Contact Rating** | 1.0A to 2.0A at 28 VDC (Low Level to Power) |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Enclosure** | Hermetically Sealed (Metal Can) |
| **Temperature Range** | -65°C to +125°C |
---
### 2. Functional Components
The device consists of three main internal electronic/mechanical sections:
* **The Coil Assembly:** A precision-wound copper coil wrapped around a core. When 5V is applied, it creates a magnetic field that pulls the armature.
* **The Contact System:** Features bifurcated (split) contacts, usually plated with Gold over Silver-Magnesium-Nickel alloy. This ensures high conductivity and prevents oxidation at low signal levels.
* **Hermetic Seal:** The entire mechanism is encased in a metal "header" and "can" assembly, then vacuum-baked and backfilled with dry nitrogen to prevent internal arcing and corrosion.
---
### 3. Part Number Breakdown
The nomenclature for this specific model generally follows this logic:
| Code | Meaning |
|:---:|:---|
| **RS** | Series identifier (Reliability Standard / Sensitive) |
| **5** | Coil Voltage (5 Volts DC) |
| **D** | Coil sensitivity or mounting style (usually D-style pins) |
| **3** | Internal diode or suppression features (depending on specific catalog) |
| **R2** | Revision code or specific lead length/finish |
---
### 4. Circuit Implementation
When integrating the RS-5D3-R2, it is common practice to include a "Flyback Diode" (if not already internal to the '3' designation) to protect sensitive driving electronics from inductive spikes.
```python
# Logic for driving the relay with a Microcontroller
if sensor_input > threshold:
GPIO.output(relay_pin, HIGH) # Energizes 5V Coil
# Contacts switch from NC (Normally Closed) to NO (Normally Open)
else:
GPIO.output(relay_pin, LOW) # De-energizes Coil
```
---
### 5. Common Applications
* **Signal Switching:** Routing low-level RF or analog signals in communication equipment.
* **Avionics:** Control circuits in aircraft where vibration resistance is critical.
* **Medical Devices:** High-reliability switching in diagnostic hardware.
- ⤷
What is the power consumption of the coil at 5V?
- ⤷ How does the 'Hermetic Seal' impact the lifespan compared to plastic relays?
- ⤷ Are there specific soldering temperature limits for the R2 revision?