RPS9HC-R680E
AI

The **RPS9HC-R680E** is a high-performance, shielded power inductor part of the RPS9HC series. These components are specifically designed for high-current applications where thermal stability and low core losses are critical.
---
### 1. Key Technical Specifications
The part number "R680E" identifies the specific inductance value and tolerance for this component.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH (indicated by "R68" in the part number) |
| **Inductance Tolerance** | ±20% (Standard for this series) |
| **Component Type** | Shielded Surface Mount (SMD) Power Inductor |
| **Core Material** | Composite Magnetic Powder (typically Carbonyl Iron) |
| **Operating Temperature** | -40°C to +125°C (including self-heating) |
---
### 2. Physical and Material Characteristics
The construction of the RPS9HC series involves a "molded" process, which provides several benefits over traditional wire-wound inductors:
* **Shielded Construction:** The magnetic material entirely surrounds the coil, which significantly reduces **Electromagnetic Interference (EMI)**.
* **Low DCR (DC Resistance):** It uses heavy-gauge copper wire to minimize power loss and heat generation.
* **Soft Saturation:** Unlike ferrite cores that lose inductance sharply when current increases, this composite core has a gradual saturation curve, making it more stable under "over-current" conditions.
---
### 3. Electronic Behavior and Applications
The **RPS9HC-R680E** is optimized for high-frequency switching and high-density power stages.
#### A. Typical Applications
* **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs to handle rapid current transients.
* **DC-DC Converters:** Ideal for Point-of-Load (POL) power supplies in servers and networking gear.
* **Battery Powered Devices:** High efficiency helps extend battery life.
#### B. Performance Benefits
1. **High Current Handling:** Capable of handling high Saturation Current ($I_{sat}$) and Heating Current ($I_{rms}$).
2. **Frequency Stability:** Maintains stable inductance across a wide range of switching frequencies (up to several MHz).
3. **Space Efficiency:** The "9HC" designation refers to a specific footprint size that offers high power density in a small PCB area.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in sourcing or substituting the part:
* **RPS:** Series Prefix (Shielded Molded Inductor).
* **9HC:** Size/Dimensions and High Current rating code.
* **R68:** Inductance value ($R68 = 0.68$ microhenries).
* **0E:** Packaging or tolerance variation code specific to the manufacturer's revision.
- ⤷
What are the saturation current (Isat) and heating current (Irms) ratings for this specific inductor?
- ⤷ How does the 'soft saturation' of this composite inductor compare to a standard ferrite core?
- ⤷ Which manufacturers produce equivalent alternatives to the RPS9HC series?