công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RP0502GA-R500FN-91

  • AI
    The **RP0502GA-R500FN-91** is a high-performance, precision electronic component typically classified as a **High Power Chip Resistor** or **Termination**. These components are frequently used in RF (Radio Frequency) and microwave applications where signal integrity and power dissipation are critical. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical and physical characteristics: | Property | Value | Description | | :--- | :--- | :--- | | **Resistance** | $50 \Omega$ | Standard impedance for RF systems. | | **Tolerance** | $\pm 1\%$ (F) | High precision for signal matching. | | **Size Code** | 0502 | Dimensions (approx. 0.05 x 0.02 inches). | | **Power Rating** | High Power | Designed to dissipate heat effectively. | | **Termination Type** | Surface Mount (SMD) | Designed for PCB mounting. | --- ## 2. Key Internal Materials These parts are engineered using advanced materials to handle high frequencies without introducing parasitic inductance or capacitance. * **Substrate:** Usually Alumina ($Al_2O_3$) or Aluminum Nitride (AlN) for superior thermal conductivity. * **Resistive Element:** Thin film (Tantalum Nitride or Nichrome) for stability and low noise. * **Terminations:** Typically gold (Au) or tin-lead/lead-free solderable finish, often with a nickel barrier to prevent leaching. --- ## 3. Applications The RP0502GA-R500FN-91 is commonly found in the following environments: ### RF and Microwave Systems * **Isolators and Circulators:** Used as a dummy load to absorb reflected power. * **Power Dividers/Combiners:** Provides termination for unused ports to maintain $50\Omega$ system balance. * **Attenuators:** Used in circuits designed to reduce signal strength without distorting the waveform. ### Telecommunications * **Base Stations:** Used in 4G/5G infrastructure for signal processing. * **Satellite Communications:** High-reliability performance in extreme conditions. --- ## 4. Usage Considerations ### Thermal Management Since this is a high-power part in a small footprint (0502), it generates significant heat. The PCB layout should include: * **Thermal Vias:** To move heat to the ground plane. * **Large Solder Pads:** To act as heat sinks. ### Frequency Response Unlike standard resistors, this part is optimized to have a "flat" response, meaning its resistance stays close to $50\Omega$ even as the signal frequency increases into the GHz range. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating (in Watts) for the RP0502GA-R500FN-91?
    • ⤷ Are there specific soldering temperature profiles recommended for this component?
    • ⤷ How does Aluminum Nitride compare to Alumina substrates in this specific part?