RMJ-K-R
AI

The **RMJ-K-R** refers to a specific type of **Standard Size Thermocouple Connector (Jack)**. It is primarily used in industrial temperature measurement and control systems.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
## 1. Technical Overview
The part number follows a standard naming convention in the thermal sensing industry (often associated with brands like Omega or RS Pro):
| Feature | Specification |
| :--- | :--- |
| **Type** | Thermocouple Connector (Jack/Female) |
| **Calibration** | Type K (Chromel / Alumel) |
| **Size** | Standard (Round Pin compatible) |
| **Contact Material** | True Thermocouple Alloys (Positive: Chromel / Negative: Alumel) |
| **Mounting Style** | Panel Mount (typically via a circular hole or clip) |
| **Color Code** | Yellow (ANSI Standard for Type K) |
---
## 2. Component Breakdown
### A. Material Composition
To maintain measurement accuracy, the internal contacts are not just copper; they are made of the actual thermocouple alloys:
* **Positive Terminal (+):** Chromel (Nickel-Chromium)
* **Negative Terminal (-):** Alumel (Nickel-Aluminum)
* **Insulation:** High-quality thermoplastic or glass-filled nylon (usually rated up to 220°C / 425°F).
### B. The "R" Suffix
In this specific part number, the **"R"** typically stands for **Round**. This indicates the shape of the connector body or the mounting hole requirement. Unlike rectangular "miniature" connectors, these are designed for rugged, high-duty environments.
### C. Electrical Characteristics
* **Voltage Range:** Low voltage (Millivolt signals generated by Seebeck effect).
* **Error Limits:** Standard limits of error as per ANSI MC96.1 or IEC 584.
* **Connection Type:** Screw-down terminals internally for securing lead wires.
---
## 3. Application Use Cases
The RMJ-K-R is commonly found in:
1. **Industrial Ovens:** Connecting probes to control panels.
2. **Laboratory Equipment:** Interfacing sensors with data loggers.
3. **HVAC Systems:** Monitoring high-temperature exhaust or boiler outputs.
---
## 4. Comparison: Standard vs. Miniature
| Feature | RMJ-K-R (Standard) | Miniature Series |
| :--- | :--- | :--- |
| **Pin Shape** | Large Round Pins | Small Flat Blades |
| **Durability** | High (Vibration resistant) | Moderate (Space saving) |
| **Mounting** | Panel / Bulkhead | PCB or Cable-end |
---
- ⤷
What are the temperature limits for the RMJ-K-R connector housing?
- ⤷ Does the RMJ-K-R support polarized pins to prevent reverse polarity?
- ⤷ What is the difference between ANSI yellow and IEC green color coding for Type K?