công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RMF-25V331MH10U-R2

  • AI
    The **RMF-25V331MH10U-R2** is a specific part number for a surface-mount (SMD) aluminum electrolytic capacitor. This component is designed for general-purpose electronic filtering, decoupling, and energy storage. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Capacitance** | 330 µF (Microfarads) | | **Voltage Rating** | 25V DC | | **Tolerance** | ±20% (Standard) | | **Mounting Type** | Surface Mount (SMD / V-Chip) | | **Temperature Range** | -40°C to +105°C | | **Case Size (Diameter)** | ~8mm to 10mm (varies by series) | | **Features** | Low Impedance / High Reliability | --- ### 2. Breakdown of Part Number Components While naming conventions vary slightly by manufacturer (often associated with brands like **ELNA** or **Nichicon** types), the code generally follows this logic: * **RMF:** The series designation. "RMF" usually indicates a standard or low-profile series with a 105°C endurance rating. * **25V:** The maximum working voltage. Exceeding this value can lead to dielectric breakdown. * **331:** The capacitance code in picofarads (pF). * `33` + `1` zero = 330 pF... *Note: In electrolytic nomenclature, this translates to 330 µF.* * **MH10:** Refers to the physical dimensions (Case code). "H10" typically implies a height of 10mm. * **U / R2:** Packaging indicators (e.g., Tape and Reel) and lead-free/RoHS compliance status. --- ### 3. Common Applications This capacitor is typically found in the following circuits: 1. **Power Supplies:** Used in DC-DC converters for smoothing ripple voltage. 2. **Audio Circuits:** For DC blocking and signal coupling. 3. **Consumer Electronics:** Found in motherboards, monitors, and telecommunications equipment due to its high-temperature stability (105°C). --- ### 4. Precautions for Use * **Polarity:** This is a **polarized** component. Ensure the negative stripe on the top of the capacitor aligns with the negative marking on the PCB. * **Reflow Soldering:** As an SMD component, it is designed for reflow ovens. Ensure the thermal profile does not exceed the manufacturer's maximum heat duration to prevent electrolyte dry-out. * **ESR (Equivalent Series Resistance):** Since this is an electrolytic type, be mindful of ESR in high-frequency switching applications.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for this capacitor?
    • ⤷ Can I use a 35V rated capacitor instead of this 25V model?
    • ⤷ How do I identify the negative terminal on this SMD package?