công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RMD-50V331MH10U-R2

  • AI
    The **RMD-50V331MH10U-R2** is a specific part number for a high-performance **Aluminum Electrolytic Capacitor**. These components are typically used for energy storage, filtering, and smoothing in power supply circuits. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Capacitance** | 330 µF (Microfarads) | | **Voltage Rating** | 50V DC | | **Tolerance** | ±20% | | **Mounting Type** | Surface Mount (SMD) | | **Temperature Range** | -55°C to +105°C | | **Lifetime** | Typically 2,000 to 5,000 hours at 105°C | | **Termination** | Radial Lead-V-Chip (Surface Mount) | --- ### 2. Part Number Breakdown Based on standard industry naming conventions (often associated with manufacturers like ELNA or Rubycon): * **RMD**: Series identifier (usually denotes Low Impedance or High Reliability series). * **50V**: Rated Voltage (Maximum operating voltage). * **331**: Capacitance code. The first two digits (33) are the value, and the third (1) is the multiplier ($10^1$). Result: $330 \mu F$. * **MH10**: Physical case size dimensions (Diameter x Height). * **U-R2**: Packaging/Taping code (denoting Reel format for automated pick-and-place machines). --- ### 3. Key Electronic Functions #### A. Power Supply Smoothing In AC-to-DC converters, this capacitor helps smooth out the rectified voltage "ripples," providing a steady DC output for sensitive components. #### B. Energy Storage The 330µF capacity allows the component to act as a local reservoir of energy, bridging brief drops in input voltage to prevent system resets. #### C. Noise Filtering (Low Impedance) The "RMD" series is often designed with low **ESR (Equivalent Series Resistance)**. This allows the capacitor to filter out high-frequency noise effectively without overheating. --- ### 4. Application Areas * **Automotive Electronics:** Infotainment systems and ECUs. * **Industrial Automation:** Power boards for PLC controllers. * **Telecommunications:** DC-DC converter modules. * **Consumer Electronics:** LED drivers and high-end audio power stages. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the MH10 case size?
    • ⤷ How does ESR affect the performance of this capacitor in high-frequency circuits?
    • ⤷ What are the equivalent alternatives for this specific part number?