RM-08-T-R
AI

The **RM-08-T-R** is a specific model of a **DIP Switch**, typically used in electronics to set configurations or select modes on a printed circuit board (PCB).
---
### 1. Key Technical Specifications
The part number usually decodes into specific physical and electrical characteristics. Below is a breakdown of the standard specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | DIP Switch (Dual In-line Package) |
| **Number of Positions** | 8 Positions (8 individual switches) |
| **Actuator Style** | Raised (Slide Type) |
| **Mounting Type** | Through-Hole (THT) |
| **Contact Material** | Gold Plated (for high reliability) |
| **Current Rating** | 25mA at 24VDC (Switching) / 100mA at 50VDC (Non-switching) |
| **Pitch** | 2.54mm (0.1 inch) |
---
### 2. Part Number Breakdown
While nomenclature varies slightly by manufacturer (such as Kingbright, Multicomp, or others), the code generally follows this logic:
* **RM**: Series designation (often indicating "Standard" or "Raised" slide type).
* **08**: Indicates **8 individual switches** within the single housing.
* **T**: Indicates the packaging type, usually **Tube** packaging for automated assembly.
* **R**: Often indicates **Red** housing color or **RoHS** compliance depending on the specific vendor datasheet.
---
### 3. Internal Components & Materials
To understand the "electronic parts" inside the RM-08-T-R, we look at its construction:
1. **Housing:** Made of high-temperature PBT or Nylon plastic (UL94V-0 rated) to withstand soldering heat.
2. **Actuators:** The white sliding pieces used to manually toggle the circuit.
3. **Base Contacts:** Stationary metal pins (usually copper alloy with gold over nickel plating) that are soldered to the PCB.
4. **Wiping Contacts:** The moving internal metal part that creates a bridge between the two stationary pins when "ON."
---
### 4. Common Applications
* **Address Setting:** Assigning a unique ID to a device on a network (e.g., RS-485 or DMX).
* **Configuration:** Selecting hardware options without needing to re-program software.
* **Security:** Setting a manual pin code for garage door openers or remote controls.
- ⤷
What is the difference between 'Raised' and 'Recessed' actuators in DIP switches?
- ⤷ How do I calculate the binary value of an 8-position DIP switch?
- ⤷ Can DIP switches like the RM-08-T-R be surface-mounted (SMD)?