công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RLW2012-6-R025G

  • AI
    The **RLW2012-6-R025G** is a high-precision, low-resistance **Current Sensing Chip Resistor**. These components are specifically designed for power management, battery monitoring, and over-current protection circuits where measuring voltage drop across a known resistance is required to determine current flow. --- ### 1. Part Number Deciphering Understanding the alphanumeric code helps identify the physical and electrical characteristics of the component: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | RLW | Wide Terminal Low Ohmic Chip Resistor | | **Size** | 2012 | Metric dimensions (2.0mm x 1.25mm) / EIA 0805 | | **Power Rating** | 6 | Represents 1/2W (0.5 Watts) | | **Resistance** | R025 | 0.025 Ohms ($25m\Omega$) | | **Tolerance** | G | ±2% Precision | --- ### 2. Key Technical Specifications The "W" in the series name signifies **Wide Terminals**. This design places the electrical contacts on the longer sides of the rectangular body, which improves heat dissipation and reduces parasitic inductance. * **Resistance Value:** $25 m\Omega$ ($0.025 \Omega$). * **Power Rating:** 0.5 Watts (at $70^\circ C$). * **Tolerance:** $\pm 2\%$. * **TCR (Temperature Coefficient):** Typically ranges from $\pm 100$ to $\pm 600$ PPM/$^\circ C$ depending on the specific manufacturing batch, ensuring stability under thermal load. * **Operating Temperature:** Generally $-55^\circ C$ to $+155^\circ C$. --- ### 3. Structural Advantages The RLW2012 series utilizes a **metal foil or specialized thick film** construction. The wide terminal architecture offers several benefits over standard 0805 resistors: 1. **Lower Thermal Resistance:** The larger contact area allows heat to flow more efficiently into the PCB copper traces. 2. **Higher Power Density:** Because it cools better, it can handle more power than a standard-format resistor of the same size. 3. **Mechanical Stability:** The wider solder joints provide better resistance to thermal cycling and board flex. --- ### 4. Typical Applications This specific part is most commonly found in: * **DC-DC Converters:** Monitoring output current for feedback loops. * **Battery Management Systems (BMS):** Measuring charge/discharge rates in smartphones or small portable electronics. * **Motor Control:** Detecting stall conditions or managing torque via current sensing. * **LED Drivers:** Ensuring constant current delivery to high-brightness LEDs. ---
    ✨ Follow-up Questions
    • ⤷ What is the advantage of using a wide terminal resistor over a standard terminal resistor?
    • ⤷ How do I calculate the voltage drop across this resistor at a current of 2 Amps?
    • ⤷ Are there 1% tolerance alternatives available for the RLW2012 series?