RLW2012-4-R150F
AI

The **RLW2012-4-R150F** is a high-precision, low-resistance current sensing chip resistor manufactured by **Susumu**. It belongs to the **RLW series**, which is known for its wide terminal design (long-side electrodes) to enhance power dissipation and reliability.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Susumu |
| **Series** | RLW (Wide terminal type) |
| **Resistance Value** | 0.150 $\Omega$ (150 m$\Omega$) |
| **Tolerance** | ±1% (F) |
| **Power Rating** | 0.5W (1/2 Watt) |
| **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) |
| **Case Size (Imperial)** | 0805 (Equivalent dimensions, but wide terminal) |
| **Temperature Coefficient** | ±100 ppm/°C |
---
### 2. Detailed Part Number Breakdown
To understand exactly what each character represents, here is the decoding of the part number:
* **RLW**: Series name (Current sensing chip resistors, wide terminal).
* **2012**: Physical size (2.0mm length × 1.25mm width).
* **4**: Indicates the power rating (0.5W in this specific series configuration).
* **R150**: The resistance value. "R" acts as the decimal point (0.150 Ohms).
* **F**: The resistance tolerance (±1%).
---
### 3. Features and Advantages
* **Wide Terminal Construction:** Unlike standard resistors where the electrodes are on the short sides, the RLW series has electrodes on the **long sides**. This provides a shorter path for heat to travel to the PCB, allowing for higher power ratings in a smaller footprint.
* **Low Inductance:** The wide terminal design significantly reduces parasitic inductance, making it ideal for high-frequency switching applications.
* **Precision Sensing:** With a low TCR (Temperature Coefficient of Resistance), the resistance remains stable even as the component heats up.
* **AEC-Q200 Compliant:** These parts are often used in automotive environments due to their robust thermal cycling performance.
---
### 4. Common Applications
These resistors are primarily used for **Current Sensing** (Shunt resistors) in the following circuits:
1. **DC-DC Converters:** Monitoring output current for feedback loops.
2. **Battery Management Systems (BMS):** Measuring charge/discharge cycles.
3. **Motor Control:** Detecting over-current conditions.
4. **Power Inverters:** Used in automotive and industrial power modules.
---
- ⤷
What are the soldering benefits of a wide-terminal resistor compared to standard 0805 resistors?
- ⤷ Can this resistor be used in high-temperature automotive environments?
- ⤷ How does the power rating change if the ambient temperature exceeds 70°C?