RLW2012-4-R005G
AI

The **RLW2012-4-R005G** is a high-precision, low-resistance shunt resistor primarily used for current sensing applications. It is part of the **RLW series** manufactured by companies like Susumu (or similar specialized resistor manufacturers).
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify its physical and electrical characteristics:
| Code | Component Segment | Description |
| :--- | :--- | :--- |
| **RLW** | Series Name | Wide terminal, low resistance chip resistor. |
| **2012** | Case Size | Metric dimensions (2.0mm x 1.2mm), equivalent to **0805** imperial. |
| **4** | Power Rating | Indicates power capacity (typically 1/2W or 1W depending on specific series charts). |
| **R005** | Resistance Value | **0.005 $\Omega$** (or 5 m$\Omega$). |
| **G** | Tolerance | **±2%** accuracy. |
---
### 2. Key Technical Specifications
This component is designed for high-current circuits where power loss must be minimized.
* **Resistance:** 5 m$\Omega$ (Milliohms).
* **Terminals:** **Wide Terminal** design. The terminals are on the long sides of the rectangular body.
* **Temperature Coefficient (TCR):** Usually very low (e.g., ±100ppm/°C) to ensure stability under heat.
* **Operating Temperature:** Typically ranges from -55°C to +155°C.
---
### 3. Features and Advantages
The RLW2012 series offers several advantages over standard resistors:
1. **High Heat Dissipation:** Because the terminals are on the long side (Wide Terminal), the distance for heat to travel to the PCB traces is shorter, allowing for higher power ratings in a smaller footprint.
2. **Reduced Parasitic Inductance:** The wide terminal structure minimizes inductance, making it suitable for high-frequency switching power supplies.
3. **Solder Joint Reliability:** The larger contact area reduces thermal stress on the solder joints, preventing cracks during thermal cycling.
---
### 4. Common Applications
Due to its low resistance and high precision, it is commonly found in:
* **Battery Management Systems (BMS):** Monitoring charge/discharge current.
* **DC-DC Converters:** Sensing output current for feedback loops.
* **Motor Controllers:** Detecting overcurrent conditions.
* **Smartphones and Laptops:** Managing power distribution.
---
- ⤷
What is the advantage of a wide terminal design over a standard terminal design?
- ⤷ How do I calculate the voltage drop across this resistor at 5 Amps?
- ⤷ Are there alternatives to the 'G' (2%) tolerance for higher precision?