công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RL2550W-R005J

  • AI
    The **RL2550W-R005J** is a high-power, low-resistance **Current Sensing Chip Resistor**. These components are specifically designed to monitor current flow in a circuit by measuring the voltage drop across them. --- ### 1. Key Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.005 $\Omega$ (5 m$\Omega$) | Very low resistance to minimize power loss. | | **Power Rating** | 2 Watts | Capable of handling high current loads. | | **Tolerance** | $\pm5\%$ (J) | The allowable variance from the nominal resistance. | | **Case Size** | 2550 | Dimensions: 0.25" x 0.50" (approx. 6.4 x 12.7 mm). | | **Technology** | Thick Film | Metal plate or thick film on ceramic substrate. | --- ### 2. Physical & Material Features The RL2550 series is engineered for durability and thermal management: * **Wide Terminal Construction:** The "W" in the part number often signifies a wide-terminal design. The electrodes are on the long sides of the chip, which improves heat dissipation and reduces parasitic inductance. * **AEC-Q200 Qualified:** Most versions of this series are automotive-grade, meaning they can withstand high vibration and extreme temperatures. * **Surface Mount (SMD):** Designed for automated SMT assembly lines. --- ### 3. Common Applications Due to its low resistance and high power handling, this part is used in: 1. **Battery Management Systems (BMS):** Monitoring charging and discharging cycles. 2. **Motor Control:** Detecting overcurrent conditions in industrial motors. 3. **DC-DC Converters:** Providing feedback loops for voltage regulation. 4. **Power Supplies:** Serving as a shunt resistor for current limiting. --- ### 4. Circuit Implementation (Ohm's Law) In a circuit, the voltage ($V$) measured across the RL2550W-R005J relates to the current ($I$) as follows: ```text V = I × 0.005 ``` If the resistor is running at its maximum rated power (2W), the maximum allowable current ($I$) can be calculated: `I = sqrt(P / R) = sqrt(2 / 0.005) ≈ 20 Amperes.` ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Wide Terminal' design in heat dissipation?
    • ⤷ How does a 5% tolerance impact the accuracy of current measurement?
    • ⤷ Are there 1% tolerance versions of this specific resistor available?