RL1632H-R150F
AI

The **RL1632H-R150F** is a high-precision, low-resistance chip resistor commonly used for current sensing applications. It is manufactured by Susumu as part of their RL series.
---
### 1. Part Number Breakdown
To understand the component, we can decode the part number suffix by suffix:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **RL** | Series Name | Low resistance chip resistors (Current sense). |
| **1632** | Case Size | 3.2mm x 1.6mm (Metric 3216 / Imperial 1206). |
| **H** | Power Rating | Indicates "High Power" (typically 0.5W for this size). |
| **R150** | Resistance Value | **0.150 $\Omega$** (150 m$\Omega$). |
| **F** | Tolerance | **±1%** accuracy. |
---
### 2. Technical Specifications
This component is designed specifically for power management and feedback loops.
* **Resistance:** 150 m$\Omega$ (0.15 Ohms).
* **Power Rating:** 0.5 Watts (1/2 W).
* **Tolerance:** ±1.0%.
* **Temperature Coefficient (TCR):** Usually ±100 ppm/°C (ensures stability during heating).
* **Operating Temperature:** -55°C to +155°C.
* **Mounting Type:** Surface Mount (SMD/SMT).
---
### 3. Key Features and Construction
* **Metal Foil / Thick Film:** These resistors use a specialized metal foil or thick film element to achieve very low resistance values with high stability.
* **Long-Side Terminal (Optional):** While the 1632 is standard, some RL series use long-side terminations to improve heat dissipation and reduce parasitic inductance.
* **Current Sensing:** Because the resistance is so low, it is used to measure current by measuring the voltage drop across it ($V = I \times R$).
---
### 4. Common Applications
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in laptops or EVs.
2. **DC-DC Converters:** Providing feedback for voltage regulation.
3. **Motor Control:** Detecting overcurrent conditions to protect the motor.
4. **Mobile Devices:** Managing power distribution in smartphones and tablets.
---
- ⤷
What are the main differences between the RL and PRL series from Susumu?
- ⤷ How does temperature affect the accuracy of a 0.150 ohm resistor in a high-power circuit?
- ⤷ Can this resistor be used in an automotive environment (AEC-Q200)?