RL1632H-R140F
AI

### RL1632H-R140F Component Analysis
The **RL1632H-R140F** is a high-precision, low-resistance chip resistor manufactured by **Susumu**. It belongs to the **RL series**, which is specifically designed for current sensing applications in power supplies and motor control circuits.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the exact specifications of the component:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **RL** | Series Name | Low resistance chip resistor |
| **1632** | Case Size (Metric) | 1.6mm x 3.2mm (Equivalent to 0612 Imperial) |
| **H** | Power Rating | High power handling capability |
| **R140** | Resistance Value | 0.140 $\Omega$ (140 m$\Omega$) |
| **F** | Tolerance | ±1.0% |
---
### 2. Key Technical Specifications
Below are the electrical and mechanical properties of this specific part:
* **Resistance Value:** $0.140\ \Omega$ (140 milliohms).
* **Power Rating:** Typically **0.5W** (High Power version).
* **Tolerance:** $\pm 1\%$ (Indicated by the 'F' suffix).
* **Temperature Coefficient of Resistance (TCR):** Usually $\pm 100\ \text{ppm/}^\circ\text{C}$ (Standard for this series).
* **Operating Temperature Range:** $-55^\circ\text{C}$ to $+125^\circ\text{C}$.
* **Construction:** Long-side terminal (Wide terminal) design which improves heat dissipation and power handling.
---
### 3. Core Features & Benefits
1. **Wide Terminal Construction:** Unlike standard resistors, the terminals are on the long sides. This reduces the distance for heat to travel to the PCB, allowing for higher power density.
2. **Low Inductance:** The thin-film/metal foil structure ensures very low parasitic inductance, making it ideal for high-frequency switching environments.
3. **High Reliability:** The RL series is known for its excellent long-term stability under high-load conditions.
---
### 4. Common Applications
This part is primarily used in **Current Sensing** (Shunt) roles:
* **Battery Management Systems (BMS):** Monitoring charge and discharge currents.
* **DC-DC Converters:** Providing feedback for current-mode control.
* **Motor Drivers:** Detecting over-current conditions.
* **AC Adapters:** Efficiency monitoring and protection circuits.
---
### 5. Land Pattern Design Example
Because this is a wide-terminal (1632) component, the soldering pads differ from standard 3216 (1206) resistors.
```text
Standard Pad Layout (Long Side Terminals):
[ Terminal ]
| 3.2mm |
[---] +----------+ [---] ---
| | 1.6mm
[---] +----------+ [---] ---
```
- ⤷
What is the significance of the 'long-side terminal' design for heat dissipation?
- ⤷ Are there automotive-grade (AEC-Q200) versions of the RL1632 series?
- ⤷ How does the 140mOhm resistance value impact voltage drop in a 1A circuit?