RL1632H-R100F
AI

### RL1632H-R100F: Technical Overview
The **RL1632H-R100F** is a specialized electronic component categorized as a **Current Sensing Chip Resistor**. Manufactured primarily by **Susumu**, this part is designed for high-precision current detection in power management circuits.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Resistance Value** | 0.1 $\Omega$ (100 m$\Omega$) |
| **Tolerance** | $\pm 1\%$ (F-class) |
| **Power Rating** | 0.5 Watts (1/2 W) |
| **Case Size (Inch)** | 1206 (3.2mm x 1.6mm) |
| **Technology** | Metal Foil / Thin Film |
| **Temperature Coefficient (TCR)** | $\pm 100$ ppm/°C |
| **Operating Temperature** | -55°C to +155°C |
---
### 2. Physical Structure and Design
Unlike standard thick-film resistors, the RL series utilizes a **long-side terminal** or specialized foil construction to handle current flow efficiently.
* **Miniaturization:** The 1206 (Metric 3216) footprint allows for high-density PCB mounting.
* **Low Inductance:** The design minimizes parasitic inductance, which is critical for high-frequency switching power supplies.
* **Heat Dissipation:** The "H" in the part number often signifies high-power or enhanced thermal handling capabilities compared to standard 1206 resistors.
---
### 3. Functional Application
The primary role of the **R100F (0.1 Ohm)** resistor is to act as a "Shunt." By placing this resistor in series with a load, engineers can measure the voltage drop across it to calculate the current flow using Ohm's Law ($I = V/R$).
#### Common Use Cases:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion batteries.
2. **DC-DC Converters:** Providing feedback for over-current protection (OCP).
3. **Motor Control:** Detecting stall conditions or managing torque by sensing motor current.
4. **CPU/GPU Power Rails:** Monitoring power consumption in computing hardware.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in selecting substitutes:
* **RL:** Series name (Low Resistance / Current Sensing).
* **1632:** Dimensions (3.2mm x 1.6mm).
* **H:** High power rating/Specialized design.
* **R100:** Resistance code ($R$ acts as decimal). $0.100 \Omega$.
* **F:** Tolerance code ($\pm 1\%$).
---
- ⤷
What are the advantages of using a metal foil resistor over a thick film resistor for current sensing?
- ⤷ How does the TCR (Temperature Coefficient of Resistance) affect the accuracy of this component in high-heat environments?
- ⤷ Can this resistor be used in AC current sensing applications
- ⤷ or is it strictly for DC?