công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RL1632H-R090F

  • AI
    ## Electronic Component Analysis: RL1632H-R090F The **RL1632H-R090F** is a high-precision, low-resistance chip resistor commonly used for current sensing applications. It belongs to the **RL series** manufactured by **Susumu**. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Resistance Value** | 0.09 Ω (90 mΩ) | Low resistance for sensing | | **Tolerance** | ±1% (F) | High precision | | **Power Rating** | 0.5W (1/2 Watt) | Power handling capacity | | **Package Size** | 1632 (Metric) / 0612 (Imperial) | Wide terminal configuration | | **Temperature Coefficient** | ±100 ppm/°C | Stability across temperatures | | **Operating Temp Range** | -55°C to +155°C | Industrial grade durability | --- ### 2. Physical Characteristics & Design The "H" in the part number indicates a **long-side terminal (wide terminal)** construction. Unlike standard resistors where terminals are on the short ends, this component has terminals on the long sides. **Advantages of Wide Terminals:** * **Enhanced Heat Dissipation:** Larger solder joint area allows heat to transfer more efficiently to the PCB. * **Improved Thermal Cycling:** Reduces mechanical stress on the solder joints caused by thermal expansion. * **Lower Parasitic Inductance:** Ideal for high-frequency switching environments. --- ### 3. Part Number Breakdown To understand exactly what you are ordering, the part number is decoded as follows: | Segment | Meaning | | :--- | :--- | | **RL** | Series Name (Low Resistance Chip Resistor) | | **1632** | Case size (1.6mm x 3.2mm) | | **H** | High power / Wide terminal type | | **R090** | Resistance value (R denotes decimal: 0.090 Ohms) | | **F** | Tolerance (±1%) | --- ### 4. Common Applications Due to its low resistance and high precision, the RL1632H-R090F is typically used in: * **DC-DC Converters:** Sensing output current for regulation. * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. * **Motor Control:** Detecting overcurrent conditions to protect circuitry. * **Power Supplies:** Implementing feedback loops for current limiting. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended PCB footprint dimensions for a 1632 wide-terminal resistor?
    • ⤷ Can this resistor be used in automotive applications requiring AEC-Q200 certification?
    • ⤷ How does the power rating change if the ambient temperature exceeds 70°C?