RL1632H-R075F
AI

The **RL1632H-R075F** is a high-precision, low-resistance chip resistor commonly used for current sensing applications. It is manufactured by **Susumu**, a leader in thin-film technology.
---
## 1. Component Overview
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Susumu |
| **Series** | RL Series (Low Resistance Chip Resistors) |
| **Case Size** | 1632 (Metric) / 0612 (Imperial) |
| **Resistance Value** | 0.075 $\Omega$ (75 m$\Omega$) |
| **Tolerance** | $\pm 1\%$ (F) |
| **Power Rating** | 0.5W (1/2 Watt) |
---
## 2. Key Electrical Features
### High Power, Long-Side Terminal
The "1632" indicates that the terminals are on the **long sides** of the rectangular body. This design offers two major advantages:
1. **Heat Dissipation:** Larger terminal surface area allows for better heat transfer to the PCB.
2. **Solder Joint Reliability:** Reduced thermal stress on the solder joints compared to short-side terminal resistors.
### Low Resistance & Precision
With a resistance of only **75 m$\Omega$**, this part is designed to sit in the path of a current flow to measure the voltage drop across it ($V = I \times R$) without significantly affecting the circuit's overall power.
### Temperature Coefficient of Resistance (TCR)
Susumu’s thin-film technology ensures a low TCR (typically around **$\pm 100$ ppm/°C** for this series), meaning the resistance value remains stable even as the component heats up during operation.
---
## 3. Typical Applications
Because of its accuracy and power handling, the RL1632H-R075F is found in:
* **DC-DC Converters:** Sensing output current for regulation.
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in mobile devices or power tools.
* **Motor Control:** Detecting overcurrent conditions.
* **Power Supplies:** Load monitoring and protection circuits.
---
## 4. Part Number Breakdown
```text
RL 1632 H - R075 - F
| | | | |
| | | | +-- Tolerance (F = ±1%)
| | | +------- Resistance (R075 = 0.075Ω)
| | +------------- Power Rating / Type (H = High Power)
| +----------------- Size (1.6mm x 3.2mm)
+--------------------- Series Name
```
- ⤷
What are the PCB layout recommendations for long-side terminal resistors to ensure measurement accuracy?
- ⤷ How does the power derating curve affect this resistor at high ambient temperatures?
- ⤷ Can this resistor be used in high-frequency applications compared to standard thick-film resistors?