RL1632H-R005J
AI

The **RL1632H-R005J** is a high-precision, low-resistance chip resistor primarily used for **current sensing** applications. It belongs to the RL series manufactured by Susumu, known for its excellent performance in high-frequency circuits.
---
## 1. Technical Specifications
The part number can be decoded to understand its physical and electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | RL1632 | Metal foil low resistance chip resistor |
| **Package Size** | 1632 (Metric) | 3.2mm x 1.6mm (approx. 1206 Imperial) |
| **Resistance Value** | 0.005 $\Omega$ (5m$\Omega$) | Very low resistance for minimal power loss |
| **Tolerance** | $\pm 5\%$ (J) | Allowable deviation from nominal value |
| **Power Rating** | 0.5W (1/2 Watt) | Maximum power dissipation capability |
| **Temperature Coeff.** | $\pm 100$ ppm/°C | Stability over temperature changes |
---
## 2. Key Features
* **Long-side Terminal Construction:** Unlike standard resistors, the terminals are on the long sides. This reduces parasitic inductance and improves heat dissipation.
* **Metal Foil Technology:** Provides higher reliability and lower noise compared to thick-film resistors.
* **Low Inductance:** Ideal for high-speed switching circuits where "ringing" needs to be minimized.
* **Current Sensing:** Specifically designed to measure current by monitoring the small voltage drop across the 5m$\Omega$ resistance.
---
## 3. Typical Applications
This component is commonly found in power management and battery-operated devices:
1. **DC-DC Converters:** Used in the feedback loop to monitor output current.
2. **Battery Management Systems (BMS):** To track charging and discharging currents in smartphones or laptops.
3. **Motor Control:** For over-current protection and torque control.
4. **Audio Circuits:** Used in high-fidelity power amplifiers.
---
## 4. Part Number Breakdown
| Code Segment | Meaning |
| :--- | :--- |
| **RL** | Series Name (Low Resistance) |
| **1632** | Case size (3.2 x 1.6 mm) |
| **H** | High power type |
| **R005** | Resistance value (0.005 Ohms) |
| **J** | Tolerance code ($\pm 5.0\%$) |
- ⤷
What is the advantage of the long-side terminal design over short-side terminals?
- ⤷ Can this resistor be used in high-temperature environments above 100°C?
- ⤷ What are the recommended alternatives if I need a tighter tolerance than 5%?