công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RL1632H-R005G

  • AI
    ## Technical Overview of the RL1632H-R005G The **RL1632H-R005G** is a high-precision, low-resistance chip resistor manufactured by **Susumu**. It belongs to the RL series, which is specifically designed for current sensing applications in electronic circuits. ### 1. Key Specifications | Parameter | Value | Details | | :--- | :--- | :--- | | **Resistance Value** | 0.005 Ω (5 mΩ) | Extremely low resistance for minimal power loss. | | **Tolerance** | ±2% (G) | Indicates the precision of the resistance value. | | **Power Rating** | 1.0W | High power handling capability for its size. | | **Package Size** | 1632 (Metric) / 0612 (Inch) | Long-side electrode configuration. | | **Temperature Coefficient** | ±100 ppm/°C | Stability of resistance across temperature changes. | | **Technology** | Metal Foil / Thin Film | Ensures high reliability and low noise. | --- ### 2. Physical Design: Long-Side Terminations One of the most critical aspects of the "1632" package is that it uses **long-side electrodes**. Unlike standard resistors where the terminals are on the short ends, this part has terminals on the long sides. * **Improved Heat Dissipation:** The larger contact area with the PCB pads allows heat to escape more efficiently. * **Reduced Parasitic Inductance:** Shortening the distance between electrodes minimizes inductance, making it ideal for high-frequency switching applications. * **Mechanical Strength:** Better solder joint integrity under thermal stress. --- ### 3. Core Applications This component is primarily used as a **Shunt Resistor** for current sensing. Common use cases include: * **Battery Management Systems (BMS):** Monitoring charge and discharge currents in laptops or electric vehicles. * **DC-DC Converters:** Providing feedback for current-mode control loops. * **Motor Controllers:** Sensing phase currents to regulate torque and speed. * **Power Supplies:** Overcurrent protection (OCP) circuits. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **RL** | Series Name (Low Resistance Chip Resistors) | | **1632** | Case Size (1.6mm x 3.2mm) | | **H** | Power Rating Code (High Power / 1.0W) | | **R005** | Resistance Value (R005 = 0.005 Ohms) | | **G** | Tolerance (G = ±2.0%) |
    ✨ Follow-up Questions
    • ⤷ What is the advantage of using a 2% tolerance versus a 1% tolerance in current sensing?
    • ⤷ How does the 'Long-Side Termination' affect the PCB layout process?
    • ⤷ Are there specific soldering temperature profiles recommended for the Susumu RL series?