RL1632H-R005F
AI

The **RL1632H-R005F** is a specialized surface-mount (SMD) resistor primarily used for **current sensing** applications. It belongs to the high-power, low-resistance series manufactured by Susumu.
---
### 1. Key Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Part Number** | RL1632H-R005F | Manufacturer Series: RL |
| **Case Size** | 1206 (3216 Metric) | Standard surface mount dimensions |
| **Resistance Value** | 0.005 Ω (5mΩ) | Ultra-low resistance for minimal voltage drop |
| **Tolerance** | ±1% (F) | Precision tolerance for accurate measurement |
| **Power Rating** | 0.5W (1/2 Watt) | High power handling for its small size |
| **TCR** | ±100 ppm/°C | Low Temperature Coefficient of Resistance |
| **Terminal Type** | Long-side Terminal | Enhances power dissipation and heat relief |
---
### 2. Internal Construction & Characteristics
The "H" in the part number often signifies a **High Power** variant. These resistors are built using thin-film or metal foil technology on a ceramic substrate, designed to withstand thermal stress.
#### Long-Side Terminations (Reverse Geometry)
Unlike standard 1206 resistors where terminals are on the short ends, the **RL1632** series often utilizes the long sides for soldering.
- **Benefit 1:** Better heat dissipation to the PCB.
- **Benefit 2:** Lower parasitic inductance, which is critical for high-frequency switching circuits.
- **Benefit 3:** Stronger mechanical solder joints.
---
### 3. Common Applications
Because this component is a "Shunt Resistor" (Low Ohmic), it is used to measure current by measuring the voltage drop across it ($V = I \times R$).
* **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in laptops or EVs.
* **DC-DC Converters:** Providing feedback loops for power supply regulation.
* **Motor Control:** Sensing current to prevent over-current conditions.
* **Mobile Devices:** Power management in smartphones and tablets.
---
### 4. Code Breakdown
```text
RL 1632 H - R005 F
| | | | |
| | | | +-- Tolerance: ±1%
| | | +------ Resistance: 0.005 Ohms
| | +-------------- Power Code: High Power
| +------------------ Size: 1.6mm x 3.2mm (1206)
+----------------------- Series: Low Resistance Chip Resistor
```
- ⤷What is the difference between long-side and short-side terminations in current sensing?
- ⤷ How do I calculate the maximum current this resistor can handle?
- ⤷ Are there automotive-grade (AEC-Q200) versions of this resistor?