RL1220-F-R040F
AI

The **RL1220-F-R040F** is a high-precision, low-resistance chip resistor primarily used for current sensing applications. It is manufactured by **Susumu**, a leader in thin-film technology.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | RL1220 | 0805 Imperial size (2.0mm x 1.25mm) |
| **Resistance Value** | R040 (40 mΩ) | Very low resistance for current shunt |
| **Tolerance** | ±1% (F) | High precision for measurement |
| **Power Rating** | 0.33W (1/3 Watt) | Heat dissipation capacity |
| **Temperature Coefficient** | 0 ~ +200 ppm/°C | Stability over temperature changes |
| **Technology** | Metal Foil / Thin Film | Ensures low noise and high reliability |
---
### 2. Physical Dimensions
As an **0805 (Metric 2012)** package, the physical dimensions are as follows:
- **Length (L):** 2.00 ± 0.20 mm
- **Width (W):** 1.25 ± 0.20 mm
- **Thickness (T):** 0.45 ± 0.10 mm
---
### 3. Key Applications
Because this component has a very low resistance (40 milliohms), it is not used for standard voltage division but rather for **Current Sensing**:
* **Power Management:** Monitoring battery discharge/charge levels in mobile devices.
* **DC-DC Converters:** Providing feedback loops for over-current protection.
* **Motor Control:** Measuring phase current to ensure smooth operation.
* **Automotive Electronics:** Handling small signal monitoring in various ECU modules.
---
### 4. Part Number Breakdown
The naming convention for the RL series is structured as follows:
```text
RL -> 1220 -> F -> R040 -> F
(1) (2) (3) (4) (5)
```
1. **RL:** Series name (Low resistance chip resistors).
2. **1220:** Case size (2.0 x 1.25mm).
3. **F:** Temperature Coefficient code.
4. **R040:** Resistance value (40 mΩ).
5. **F:** Tolerance (±1.0%).
- ⤷
What are the typical soldering requirements for this 0805 component?
- ⤷ How does 'Thin Film' technology differ from 'Thick Film' in current sensing?
- ⤷ What is the maximum current this resistor can handle based on its 0.33W rating?