công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RL1220-F-R030F

  • AI
    ## RL1220-F-R030F: Component Overview The **RL1220-F-R030F** is a specialized surface-mount (SMD) resistor manufactured by **Susumu**. It belongs to the **RL Series**, which are high-precision, low-resistance chip resistors primarily used for current sensing. ### 1. Technical Specifications The part number can be decoded to understand its specific electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | RL1220 | Low resistance, metal foil/thin film type | | **Package Size** | 0805 (Metric 2012) | 2.0mm x 1.25mm dimensions | | **Tolerance** | ±1% (F) | High precision for sensing accuracy | | **Resistance Value** | 0.030 Ω (R030) | 30 mΩ (milli-ohms) | | **Power Rating** | 0.25W (1/4 Watt) | Standard power handling for 0805 size | | **Temperature Coefficient** | 0 ~ +350 ppm/°C | Stability over temperature ranges | --- ### 2. Key Features * **Current Sensing:** Because the resistance is extremely low (30mΩ), it is designed to be placed in series with a load to measure current flow by monitoring the voltage drop across it ($V = I \times R$). * **Long-side Terminations:** While standard resistors have terminals on the short ends, some variants in the RL series utilize long-side terminations to reduce parasitic inductance and improve heat dissipation. * **Metal Foil Construction:** This provides better stability and lower noise compared to standard thick-film resistors. --- ### 3. Common Applications Due to its low ohmic value and high precision, this part is frequently found in: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in smartphones or laptops. 2. **DC-DC Converters:** Providing feedback loops for power regulation. 3. **Motor Control:** Detecting over-current conditions to protect the motor circuitry. 4. **Audio Equipment:** Used in power stages for feedback and protection. --- ### 4. Circuit Implementation (Example) In a typical current-sensing circuit, the RL1220-F-R030F is used as a "Shunt Resistor." ```cpp // Logic for Current Calculation (Conceptual) float resistance = 0.030; // 30 mOhms float voltageDrop = read_adc_voltage(); float current = voltageDrop / resistance; // I = V / R ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a thin-film resistor over a thick-film resistor for current sensing?
    • ⤷ How does the 'R030' code translate to 30 milli-ohms in SMD labeling?
    • ⤷ Can this resistor handle high-surge currents in automotive applications?