công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RL1218-8R2-R

  • AI
    The **RL1218-8R2-R** is a specific type of surface-mount (SMD) power resistor. It is part of the RL series manufactured by companies like **Susumu** or **Lattron**, designed primarily for current sensing and high-power applications in compact circuits. --- ## 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's specifications: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **RL** | Series Name | Low resistance/Current sensing series | | **1218** | Case Size | 1218 Imperial (3.2mm x 4.6mm) | | **8R2** | Resistance Value | **8.2 Ohms** (R acts as a decimal) | | **-R** | RoHS/Packaging | Typically denotes RoHS compliance | --- ## 2. Technical Specifications The "1218" form factor is unique because it features **long-side terminations**. This means the electrodes are on the longer sides of the rectangle, which improves heat dissipation and reduces parasitic inductance. ### Key Parameters: * **Resistance:** 8.2 $\Omega$ * **Power Rating:** Typically **1 Watt** (This can vary slightly by manufacturer, but the 1218 size is rated higher than standard 1206 chips due to the wide terminal construction). * **Tolerance:** Usually $\pm1\%$ or $\pm5\%$ (check specific datasheet suffix). * **Temperature Coefficient (TCR):** Generally low (e.g., $\pm100$ ppm/°C), ensuring stability across temperature changes. * **Operating Temperature:** Typically $-55°C$ to $+155°C$. --- ## 3. Physical Characteristics The geometry of the 1218 package is critical for its performance: * **Wide Terminal Construction:** Because the solder joints are along the long side, the distance between the center of the resistor and the heat-sinking PCB traces is shorter. * **Solder Joint Integrity:** The larger contact area provides better mechanical strength against thermal cycling (expansion and contraction). --- ## 4. Common Applications Due to its power handling and resistance value, the RL1218-8R2-R is commonly used in: 1. **Current Sensing:** Measuring current flow in power supplies or battery management systems. 2. **LED Drivers:** Acting as a current limiter for high-brightness LEDs. 3. **Feedback Loops:** Used in DC-DC converters to monitor output stability. 4. **Automotive Electronics:** Used in ECUs where vibration resistance and heat management are vital. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 1218 and a 1812 resistor package?
    • ⤷ Can this resistor be used for high-frequency pulse applications?
    • ⤷ How does the 'long-side termination' affect the thermal resistance of the PCB?