RL0816-R022F
AI

The **RL0816-R022F** is a surface-mount (SMD) low-resistance chip resistor, primarily used for current sensing applications. It belongs to the RL series manufactured by **Susumu**.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 22 mΩ (0.022 Ohms) |
| **Tolerance** | ±1% (F) |
| **Power Rating** | 1/5W (0.2W) |
| **Case Size (Imperial)** | 0603 |
| **Case Size (Metric)** | 1608 |
| **Temperature Coefficient (TCR)** | 0 to +200 ppm/°C |
| **Operating Temperature** | -55°C to +125°C |
---
### 2. Part Number Breakdown
The nomenclature of this component follows a specific structure:
* **RL**: Series Name (Low resistance chip resistors).
* **0816**: Physical Dimensions (1.6mm x 0.8mm, which is a 0603 imperial size).
* **R022**: Resistance value. "R" acts as a decimal point, signifying 0.022Ω.
* **F**: Tolerance code. F represents ±1%.
---
### 3. Key Features and Construction
1. **Metal Glaze / Thick Film**: These resistors are typically constructed using a metal glaze or metal foil technology to ensure stability at low resistance values.
2. **Long-side Terminal (Optional)**: While the 0816 is standard, some variations in this series focus on heat dissipation through terminal design.
3. **Low Inductance**: Because these are used in high-frequency switching environments (like power supplies), they are designed with minimal parasitic inductance.
---
### 4. Typical Applications
These components are essential in circuits where monitoring current flow is necessary without significantly dropping the voltage.
* **DC-DC Converters**: Measuring output current for feedback loops.
* **Battery Management Systems (BMS)**: Monitoring charge and discharge cycles in mobile devices or laptops.
* **Motor Control**: Detecting over-current conditions to prevent motor burnout.
* **Power Inverters**: Used in the sensing stage of power conversion.
---
- ⤷
What is the difference between thick film and metal foil in low-resistance sensing?
- ⤷ How does the TCR (Temperature Coefficient) affect the accuracy of current sensing?
- ⤷ Can this resistor be used in high-surge applications?