công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RL0816-4-R020J

  • AI
    The **RL0816-4-R020J** is a high-precision, low-resistance chip resistor primarily used for current sensing applications. It is manufactured by **Susumu**, a leader in thin-film technology. --- ### 1. Part Number Breakdown Understanding the alphanumeric code reveals the specific characteristics of the component: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **RL** | Series Name | Low resistance chip resistor (Thin Film) | | **0816** | Case Size | 0816 Metric (approx. 0603 Imperial) | | **4** | Terminal Type | Long-side terminals (Lower Inductance) | | **R020** | Resistance Value | 0.020 $\Omega$ (20 m$\Omega$) | | **J** | Tolerance | $\pm$ 5% | --- ### 2. Technical Specifications The RL series is known for its stability and low noise. Below are the core technical parameters for this specific model: * **Resistance:** 20 m$\Omega$ (Milliohms). * **Power Rating:** Usually 1/5W (0.20W) depending on the specific series iteration. * **Temperature Coefficient (TCR):** Low TCR (typically 0~200ppm/°C), ensuring the resistance stays stable as the part heats up. * **Mounting Type:** Surface Mount (SMD/SMT). * **Structure:** Thin-film construction on a ceramic substrate. --- ### 3. Key Features * **Long-Side Terminals:** Unlike standard resistors where terminals are on the short ends, this part has terminals on the long sides. This reduces parasitic inductance and improves heat dissipation. * **Excellent Heat Dissipation:** The geometry allows for better thermal contact with the PCB. * **Low Noise:** Thin-film technology provides significantly lower current noise compared to thick-film alternatives. --- ### 4. Typical Applications This component is designed for **Current Sensing** (Shunt) tasks where a circuit needs to measure current by monitoring the voltage drop across a known small resistance ($V = I \times R$). * **Power Management:** DC-DC converters and voltage regulators. * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in mobile devices. * **Motor Control:** Detecting over-current conditions in small motors. * **Automotive Electronics:** Sensors and ECU power monitoring. --- ### 5. Footprint Information | Dimension | Measurement (mm) | | :--- | :--- | | **Length (L)** | 1.60 $\pm$ 0.20 | | **Width (W)** | 0.80 $\pm$ 0.20 | | **Height (T)** | 0.45 $\pm$ 0.10 | ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of long-side terminals over short-side terminals in SMD resistors?
    • ⤷ How do I calculate the maximum current this resistor can handle based on its power rating?
    • ⤷ What is the difference between thin-film and thick-film resistors in current sensing?