AI

The **RHP-50B-R02FYR** is a high-precision rotary encoder (often associated with the Nikon or Tamagawa Seiki style naming conventions) typically used in industrial automation, robotics, and CNC machinery.
Below is a breakdown of its electronic components and specifications.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Type** | Absolute Rotary Encoder |
| **Resolution** | 17-bit to 20-bit (Typical for RHP series) |
| **Input Voltage** | +5V DC ±5% |
| **Output Interface** | Serial Data (RS-485 / BiSS / Nikon Protocol) |
| **Physical Interface** | Through-hole / Hollow Shaft |
| **Rotational Speed** | Up to 6,000 RPM |
| **Operating Temp** | -20°C to +85°C |
---
### 2. Key Electronic Components
The device consists of several critical electronic subsystems that allow it to convert mechanical rotation into digital data:
#### A. Optical/Magnetic Sensing Element
* **The Disk:** A high-precision glass or metal disk with etched patterns.
* **LED Emitter:** A high-reliability infrared light source that shines through the disk.
* **Photodetector Array:** A custom ASIC (Application Specific Integrated Circuit) that receives light pulses and converts them into analog electrical signals.
#### B. Signal Processing Electronics
* **Interpolation Circuit:** Since the physical lines on a disk are limited, the internal electronics use interpolation to achieve high resolutions (like 17-bit, which is 131,072 pulses per revolution).
* **Microprocessor/FPGA:** A small logic unit handles the calculation of the absolute position and manages the communication protocol.
#### C. Communication Interface
* **RS-485 Transceiver:** Because these encoders are used in noisy industrial environments, they use differential signaling (RS-485) to ensure data integrity over long cables.
* **EEPROM:** Stores calibration data, serial numbers, and error logs.
---
### 3. Connection Pinout (Typical)
While specific colors may vary by manufacturer, the electronic interface usually follows this logic:
| Pin/Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | VCC | +5V Power Supply |
| **Black** | GND | 0V Ground |
| **Blue/Green** | SD / SD- | Serial Data Differential Pair |
| **Shield** | FG | Frame Ground (EMI Protection) |
---
### 4. Application Context
The **RHP-50B** series is frequently used as a feedback device for **AC Servo Motors**. The "Absolute" nature of the electronics means the encoder remembers its position even after a power loss, provided a battery backup or non-volatile memory system is integrated into the drive logic.
- ⤷
What is the exact resolution of the R02FYR variant?
- ⤷ Which communication protocol does this encoder use for data transmission?
- ⤷ How do I troubleshoot a 'Serial Data Error' on this specific model?