RGSCD201-R-B-B-0
AI

The **RGSCD201-R-B-B-0** is a specific part number for a high-quality rocker switch manufactured by **Carling Technologies**. It belongs to the **RG-Series** of double-pole, sub-miniature rocker switches known for their high current ratings and compact size.
---
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Carling Technologies |
| **Series** | RG-Series (RGS) |
| **Circuit Type** | DPST (Double Pole, Single Throw) |
| **Switch Function** | On-Off |
| **Current Rating** | 15A 125VAC / 20A 125VAC / 10A 250VAC |
| **Termination Style** | .250" Quick Connect Tabs |
| **Mounting Type** | Panel Mount (Snap-in) |
| **Contact Material** | Silver Alloy |
| **Actuator Type** | Rocker |
---
### 2. Part Number Breakdown
The alphanumeric code describes the specific configuration of the switch:
* **RGSC**: Series prefix (Double Pole, High Inrush).
* **D201**: Represents the circuit configuration (DPST) and standard rating.
* **R**: Rocker color (Red).
* **B**: Bezel color (Black).
* **B**: Legend color (Black) or specific marking style.
* **0**: No special lamp or additional options.
---
### 3. Key Electronic Features
* **High Inrush Capability:** Designed to handle significant current spikes when a device is first turned on, making it ideal for power supplies and motors.
* **Snap-in Mounting:** The housing is designed for easy installation into a rectangular panel cutout without the need for additional hardware.
* **Double Pole Design:** It can control two separate circuits simultaneously or disconnect both the "Hot" and "Neutral" lines for safety.
* **Silver Contacts:** High-grade silver alloy contacts are used to minimize electrical resistance and prevent oxidation over long periods of use.
---
### 4. Common Applications
This switch is typically found in:
1. **Industrial Equipment:** Power controllers and laboratory instruments.
2. **Appliances:** High-draw devices like vacuum cleaners or coffee makers.
3. **Power Strips:** Used as the main power cutoff.
4. **Marine/Automotive:** Aftermarket control panels (given appropriate voltage compatibility).
- ⤷
What is the standard panel cutout size for the RG-Series?
- ⤷ Does this switch support internal illumination?
- ⤷ What is the mechanical life expectancy of this switch?