RGSCA901-R-B-B-E
AI

The **RGSCA901-R-B-B-E** is a high-quality rocker switch manufactured by **Carling Technologies**. It belongs to the RG-Series, known for its sleek design and reliability in demanding environments.
---
### 1. Part Number Breakdown (Specifications)
The alphanumeric code provides specific details regarding the switch's build and electrical capabilities:
| Code Segment | Feature | Description |
| :--- | :--- | :--- |
| **RGSC** | **Series** | RG-Series Single Pole Rocker Switch |
| **A** | **Rating** | 15A 125VAC; 10A 250VAC; 3/4 HP 125-250VAC |
| **901** | **Circuitry** | Single Pole Single Throw (SPST) - On-Off |
| **R** | **Actuator Style** | Curved Rocker |
| **B** | **Actuator Color** | Black |
| **B** | **Bezel Color** | Black |
| **E** | **Legend/Marking** | I/O (Horizontal) Marking |
---
### 2. Key Electronic Features
* **Switch Function:** This is an **SPST (Single Pole Single Throw)** switch. It operates as a simple "On" or "Off" gate for a single circuit.
* **Termination:** Typically features **0.250" (6.3mm) Quick Connect tabs**, allowing for easy wiring without soldering in many industrial applications.
* **Mounting:** It is designed for **Snap-in mounting**, fitting into a standard rectangular panel cutout (approx. 0.83" x 1.45").
* **Durability:**
* **Mechanical Life:** 100,000 cycles.
* **Electrical Life:** 50,000 cycles.
---
### 3. Application Use Cases
Because of its high amperage rating and rugged build, this switch is commonly found in:
* **Power Strips:** Used as the main power toggle.
* **Appliances:** Coffee makers, vacuum cleaners, and kitchen electronics.
* **Industrial Equipment:** Control panels for machinery.
* **HVAC Systems:** Basic power control for fans or heaters.
---
### 4. Technical Dimensions Template
```markdown
Dimensions (Approximate):
- Bezel Width: 21.0mm
- Bezel Length: 36.8mm
- Panel Cutout: 21.08mm x 36.83mm
- Terminal Material: Silver plated copper alloy
```
---
- ⤷
What are the alternative terminal types for the RG-series?
- ⤷ Does this specific model include internal illumination?
- ⤷ What is the maximum operating temperature for this switch?