RGSCA211-R-B-B-0
AI

The **RGSCA211-R-B-B-0** is a specific part number for a rocker switch manufactured by **Carling Technologies**. It belongs to the RG-Series, known for its compact design and high electrical capacity.
### 1. Technical Specifications
The following table breaks down the core electrical and mechanical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Carling Technologies |
| **Series** | RG-Series |
| **Circuitry** | SPST (Single Pole Single Throw) |
| **Switch Function** | ON-OFF |
| **Current Rating** | 15A 125VAC / 10A 250VAC |
| **Horsepower Rating** | 3/4 HP 125-250VAC |
| **Termination** | .250" (6.3mm) Quick Connect Tabs |
| **Mounting Type** | Panel Mount (Snap-in) |
| **Illumination** | Non-Illuminated |
---
### 2. Part Number Breakdown (Nomenclature)
To understand exactly what each digit represents, we can deconstruct the code:
* **RGSC**: Identifies the **Series** (Single pole, high inrush rocker switch).
* **A**: **Rating** (Standard 15A 125VAC rating).
* **211**: **Termination/Function** (Specifies the internal mechanics and the .250 tab terminals).
* **R**: **Rocker Color** (Red).
* **B**: **Bezel Color** (Black).
* **B**: **Legend/Marking** (Usually indicates a standard black base/body).
* **0**: **Legend Text** (No special legend/marking).
---
### 3. Key Electronic Features
* **High Inrush Capability:** These switches are designed to handle high "surge" currents that occur when inductive loads (like motors or large power supplies) are first turned on.
* **Snap-in Mounting:** The body features plastic "ears" that allow the switch to be pushed into a rectangular panel cutout without the need for screws.
* **Wiping Contacts:** The internal mechanism utilizes a wiping action that helps clear oxidation or debris from the contact surfaces, ensuring a longer electrical lifespan.
---
### 4. Typical Applications
Because of its high current and horsepower ratings, this switch is commonly found in:
* Power strips and surge protectors.
* Small appliances (coffee makers, vacuum cleaners).
* Industrial control panels.
* Power supplies for computers and laboratory equipment.
- ⤷
What are the panel cutout dimensions for the RGSCA211 series?
- ⤷ Can this switch be used for DC applications instead of AC?
- ⤷ Does Carling offer an illuminated version of this specific rocker switch?