công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RGSCA201-R-B-B-0

  • AI
    The **RGSCA201-R-B-B-0** is a specific part number for a rocker switch manufactured by **Carling Technologies**. It belongs to the RG-Series, known for its high-current capacity and robust design. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Switch Type** | Rocker Switch | | **Circuitry** | SPST (Single Pole Single Throw) | | **Function** | ON - OFF | | **Current Rating** | 20A 125VAC / 15A 250VAC | | **Horsepower Rating** | 3/4 HP 125-250VAC | | **Termination** | .250" (6.3mm) Quick Connect Tabs | | **Mounting** | Snap-in Panel Mount | | **Operating Temp** | 32°F to 185°F (0°C to 85°C) | --- ### 2. Part Number Breakdown (Nomenclature) Understanding the code helps identify the physical and electrical characteristics of the device: * **RGSC**: Series Prefix (RG-Series Single Pole Rocker). * **A**: Circuit/Rating (Standard 20A rating, ON-OFF function). * **201**: Termination Style (.250 Tab terminals). * **R**: Rocker Color (**Red**). * **B**: Bracket Color (**Black**). * **B**: Legend/Marking Color (**Black** or No Marking, depending on sub-revision). * **0**: No Special Options (Standard configuration). --- ### 3. Key Electronic Characteristics #### High Inrush Capability The RG-series is designed to handle high inrush currents, making it suitable for power supplies and motor-driven appliances where a surge occurs upon startup. #### Construction Material * **Contacts**: Silver alloy, which provides low resistance and high durability under heavy loads. * **Housing**: Nylon 66 (UL 94 V-2 rated), providing high thermal resistance and electrical insulation. #### Applications Commonly used in: * Industrial power strips. * Home appliances (Vacuum cleaners, coffee makers). * Office equipment. * Medical instruments. --- ### 4. Circuit Diagram (Internal) ```text [ Terminal 1 ] <---- Incoming Power (Line) | / (Switch Mechanism) | [ Terminal 2 ] <---- Outgoing Power (Load) ```
    ✨ Follow-up Questions
    • ⤷What is the standard panel cutout size for this switch?
    • ⤷ Does this specific model feature internal illumination?
    • ⤷ What is the mechanical life expectancy (number of cycles) for the RG-series?