RG3-403N-R15
AI

The **RG3-403N-R15** is a high-precision, industrial-grade **Current Transformer (CT)** typically used for leakage current detection or zero-phase current sensing. It is a critical component in Earth Leakage Relays (ELRs) and ground fault protection systems.
---
### 1. Technical Specifications
Below are the primary electronic characteristics typically associated with this model:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Zero-phase Current Transformer (ZCT) |
| **Core Material** | High-permeability Permalloy or Silicon Steel |
| **Hole Diameter** | 40mm (Internal) |
| **Sensitivity** | Compatible with mA-level leakage current |
| **Voltage Class** | Low voltage (typically up to 600V systems) |
| **Standard** | IEC / EN Compliance |
---
### 2. Key Electronic Components & Construction
#### A. The Magnetic Core
The heart of the device is a **toroidal magnetic core**. In the "N-R15" variant, the core is designed with specific saturation characteristics to ensure that it does not trigger false positives during high-current surges (inrush current) while remaining sensitive to tiny imbalances.
#### B. Secondary Windings
* **Coil:** Thousands of turns of fine copper wire are wrapped around the core.
* **Transformation Ratio:** It converts a small primary leakage current into an even smaller secondary voltage/current signal that an Electronic Control Unit (ECU) or Relay can process.
#### C. Housing and Insulation
* **Material:** Flame-retardant ABS or polycarbonate plastic.
* **Resin:** The internal components are often vacuum-potted with epoxy resin to provide moisture resistance and vibration damping.
---
### 3. Operating Principle
The RG3-403N-R15 works on the **Vector Summation Principle**:
1. All current-carrying conductors (Phase and Neutral) pass through the 40mm center hole.
2. In a healthy circuit, the sum of currents is **zero**.
3. If a ground fault occurs, the sum is no longer zero.
4. The magnetic core detects this flux imbalance and induces a small current in the secondary windings.
5. This signal is sent via the output terminals to a **Leakage Relay** to trip the circuit breaker.
---
### 4. Installation and Wiring
* **Terminals:** Usually features two screw terminals (k, l) for connection to the relay.
* **Orientation:** While ZCTs are generally non-directional for AC, it is best practice to follow the flow arrows if marked on the casing.
* **Shielding:** To prevent EMI (Electromagnetic Interference), twisted pair wiring is recommended for the secondary signal.
- ⤷
What is the maximum rated primary current for the RG3-403N-R15?
- ⤷ How do I test if this ZCT is functioning correctly?
- ⤷ Can this model be used with a 3-phase 4-wire system?