RG3-303N-R15
AI

The **RG3-303N-R15** is a high-precision, thin-film chip resistor array manufactured by **Susumu**. These components are designed for applications requiring high reliability, thermal stability, and precise resistance ratios between multiple resistive elements.
---
## 1. Core Specifications
The "RG" series is known for its "Metal Glaze" or "Thin Film" construction, which provides superior performance compared to standard thick-film resistors.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Resistor Type** | Thin Film Chip Resistor Network |
| **Resistance Value** | 30k $\Omega$ (indicated by "303") |
| **Tolerance** | $\pm$ 0.1% (N) or higher precision |
| **Power Rating** | ~0.063W per element |
| **Temperature Coefficient (TCR)** | $\pm$ 25 ppm/°C (R15 series typical) |
| **Operating Temperature** | -55°C to +155°C |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps identify the exact electronic characteristics:
* **RG**: Series code (High reliability, thin film).
* **3**: Size/Physical dimensions (typically 3216 metric / 1206 imperial for the array).
* **303**: Resistance value. The first two digits (30) are significant figures; the third digit (3) is the multiplier ($10^3$). Result: **30,000 $\Omega$ (30k $\Omega$)**.
* **N**: Tolerance code. Represents high precision (often $\pm$0.1% for this series).
* **R15**: Packaging/Specific TCR rating or revision indicator.
---
## 3. Key Electronic Characteristics
### A. Thin Film Construction
Unlike thick film resistors, thin film technology uses a sputtered metal layer on a ceramic substrate. This results in:
* **Lower Noise:** Reduced current noise for sensitive analog circuits.
* **High Stability:** Excellent resistance against aging and environmental moisture.
### B. Thermal Tracking
Because the resistors are integrated onto a single substrate, they experience the same temperature variations. This allows for **tight tracking**, meaning the ratio between resistors stays constant even if the ambient temperature changes.
### C. Reliability (Sulfur Resistance)
Susumu’s RG series is specifically designed to be inorganic and sulfur-resistant, making them ideal for automotive or industrial environments where atmospheric pollutants might cause standard resistors to fail.
---
## 4. Common Applications
* **Instrumentation:** Differential amplifiers and bridge circuits.
* **Medical Electronics:** Precision sensing and signal conditioning.
* **Automotive:** Engine control units (ECU) and battery management systems.
* **Industrial:** High-accuracy voltage dividers.
- ⤷
What are the physical dimensions of the RG3-303N-R15?
- ⤷ How does 'thin film' technology differ from 'thick film' in terms of performance?
- ⤷ Can this resistor be used in high-frequency RF applications?