AI

The **RG3-211N-R15** is a high-precision, thin-film chip resistor array manufactured by **Susumu**. It belongs to the RG series, which is renowned in the electronics industry for its high reliability, low noise, and excellent stability under harsh conditions.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the RG3-211N-R15:
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 100 $\Omega$ (Standard for this series code) |
| **Tolerance** | ±0.02% to ±0.1% (Ultra-precision) |
| **Temperature Coefficient (TCR)** | ±5 ppm/°C to ±25 ppm/°C |
| **Number of Resistors** | 3 Resistors (Integrated in one package) |
| **Power Rating** | 0.063W (1/16W) per element |
| **Operating Temperature** | -55°C to +155°C |
| **Package Type** | Surface Mount (SMD) |
---
### 2. Physical Structure and Design
The "RG" series utilizes a specific inorganic passivation technology that distinguishes it from standard thick-film resistors.
* **Thin-Film Technology:** Uses a metal film deposited on a ceramic substrate, providing much tighter tolerances and lower noise than carbon or thick-film alternatives.
* **Integrated Array:** The "3" in the part number indicates three resistors are housed within a single SMD package. This ensures **excellent tracking**: because the resistors are on the same substrate, they age and react to temperature changes identically.
* **Sulfur Resistance:** The inorganic thin-film structure makes these parts inherently resistant to sulfurization, a common failure mode in industrial electronics.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying specific variants:
| Prefix | Number of Elements | Circuit Type | Resistance Code | Tolerance |
| :--- | :--- | :--- | :--- | :--- |
| **RG** | **3** | **211** | **N** | **R15** |
| Susumu Thin Film | 3 Resistors | Internal schematic/layout | TCR (e.g., ±10ppm) | Resistance/Packaging |
---
### 4. Common Applications
Due to its high precision and stability, this component is typically found in:
1. **Medical Equipment:** Precision imaging and diagnostic tools where signal integrity is critical.
2. **Automotive Electronics:** Sensors and control units (ECUs) requiring long-term reliability.
3. **Industrial Instrumentation:** High-accuracy scales, bridge circuits, and measurement devices.
4. **Telecommunications:** High-frequency base stations and signal processing.
- ⤷
What is the difference between thin-film and thick-film resistors in terms of performance?
- ⤷ How does 'thermal tracking' benefit a resistor array compared to discrete resistors?
- ⤷ What are the specific mounting requirements for the RG3 series to maintain its precision?