công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RG2-611S-R15

  • AI
    The **RG2-611S-R15** is a specialized electronic component, typically categorized as a **Single Port RJ45 Connector with Integrated Magnetics** (often called a "MagJack"). It is designed for networking applications, specifically to provide the physical interface for Ethernet connectivity while handling signal conditioning. --- ## 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the RG2-611S-R15: | Feature | Specification | | :--- | :--- | | **Component Type** | RJ45 Integrated Connector Module (ICM) | | **Port Configuration** | 1x1 (Single Port) | | **Speed/Standard** | 10/100 Base-T (Fast Ethernet) | | **Orientation** | Right Angle / Side Entry | | **Tab Direction** | Tab-Up | | **Shielding** | Metal Shield with EMI fingers | | **LED Configuration** | Typically no LEDs (Verify specific sub-variant) | | **Termination** | Through-hole (Solder) | --- ## 2. Internal Electronic Components Unlike a standard plastic phone jack, the "RG" series contains internal circuitry required to interface a Network Interface Controller (NIC) with an Ethernet cable. ### A. Isolation Transformers * **Purpose:** Provides galvanic isolation (typically up to 1,500V AC). * **Function:** Protects the sensitive PHY (Physical Layer) chip from high-voltage spikes on the network cable and reduces common-mode noise. ### B. Common Mode Chokes * **Purpose:** Electromagnetic Interference (EMI) suppression. * **Function:** Filters out high-frequency noise that could interfere with data transmission or cause the device to fail FCC/CE emissions standards. ### C. Termination Resistors (Bob Smith Termination) * **Purpose:** Impedance matching. * **Function:** Usually includes 75-ohm resistors and a high-voltage capacitor to terminate unused wire pairs, reducing signal reflections and crosstalk. --- ## 3. Pinout and Physical Interface The part features two distinct sets of pins: 1. **Input (PCB Side):** Connects to the Ethernet PHY chip on your printed circuit board. These pins are usually spaced at a 2.54mm or 2.00mm pitch. 2. **Output (Cable Side):** Standard 8P8C (RJ45) interface that accepts a standard Cat5e or Cat6 Ethernet cable. --- ## 4. Key Applications * **Networking Hardware:** Routers, switches, and hubs. * **Industrial PC:** Embedded motherboards and Single Board Computers (SBCs). * **IoT Devices:** Smart gateways and controllers requiring wired internet stability. ---
    ✨ Follow-up Questions
    • ⤷ Does the RG2-611S-R15 support Power over Ethernet (PoE)?
    • ⤷ What is the specific footprint dimensions for the PCB layout?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like Pulse or Molex?