RG2-506S-R15
AI

The **RG2-506S-R15** is an electronic component commonly categorized under **Surface Mount Devices (SMD)**, specifically within the realm of high-precision thin-film chip resistors. These are often used in circuits requiring high stability and low noise.
Below is a detailed breakdown of its specifications and electronic characteristics.
### 1. General Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Thin Film Precision Chip Resistor |
| **Resistance Value** | 15 Ohms ($\Omega$) |
| **Tolerance** | $\pm 0.1\%$ or $\pm 0.5\%$ (Series dependent) |
| **Power Rating** | 0.25W (1/4 Watt) |
| **Case Size** | 0805 (Metric 2012) |
| **Temperature Coefficient** | $\pm 25 \text{ ppm/}^\circ\text{C}$ |
---
### 2. Electronic Characteristics
#### A. Thin Film Technology
Unlike standard thick film resistors, the RG series uses a thin metal film deposited on a ceramic substrate. This results in:
* **Low Noise:** Ideal for audio and sensitive measurement circuits.
* **High Stability:** Minimal resistance drift over the component's lifespan.
#### B. Power and Voltage
The "S" in the part number often denotes a specific power rating or size variation within the RG series. For the 0805 footprint:
* **Max Working Voltage:** Typically 100V - 150V.
* **Operating Temperature:** $-55^\circ\text{C}$ to $+155^\circ\text{C}$.
#### C. Reliability
These resistors are often "sulfur-resistant," making them suitable for harsh industrial environments or automotive applications where atmospheric sulfur can cause standard resistors to fail.
---
### 3. Part Number Decoder (RG2-506S-R15)
While nomenclature can vary slightly by manufacturer (such as Susumu), the typical breakdown is:
* **RG:** Series Name (High reliability thin film).
* **2 (or 2012):** Size code (2.0mm x 1.25mm / 0805).
* **506/S:** Internal manufacturer code for power rating/tolerance.
* **R15:** Resistance value (where 'R' acts as a decimal point or multiplier). In this specific context, it represents **15 Ohms**.
---
### 4. Common Applications
* **Automotive Electronics:** Engine control units and safety systems.
* **Medical Equipment:** Precision imaging and monitoring devices.
* **Industrial Automation:** Sensor interfaces and signal conditioning.
* **Telecommunications:** Base station equipment.
- ⤷
How does thin film technology compare to thick film in terms of performance?
- ⤷ What are the soldering requirements for 0805 SMD components?
- ⤷ Can this resistor be used in high-frequency RF applications?