công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RG2-505N-R15

  • AI
    The **RG2-505N-R15** is a high-precision, thick-film chip resistor array. These components are commonly used in high-density electronic circuits where multiple resistors of the same value are required in a compact footprint. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the RG series resistor networks, the technical breakdown is as follows: | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Thick Film Chip Resistor Network (Array) | | **Resistance Value** | 1.5 kΩ (Identified by "R15" or similar coding) | | **Tolerance** | Usually ±5% (Standard for "J" or general N-series) | | **Circuit Type** | Isolated or Bussed (Commonly 8-pin or 10-pin) | | **Power Rating** | Typically 0.063W to 0.125W per element | | **Temperature Coefficient** | ±200 ppm/°C | --- ### 2. Internal Construction These parts are designed to save PCB (Printed Circuit Board) real estate. Instead of placing individual resistors, the RG2 series integrates several resistive elements into one package. * **Substrate:** High-purity alumina ceramic. * **Resistive Element:** Metal glaze (Thick film) material. * **Termination:** Solder-plated terminals for easy surface mounting (SMT). --- ### 3. Application Use Cases The RG2-505N-R15 is primarily used in digital circuitry for the following functions: 1. **Pull-up/Pull-down Resistors:** Used on data lines to ensure a known state (High/Low) for microcontrollers or FPGAs. 2. **Current Limiting:** Limiting current for LED arrays or protecting I/O pins. 3. **Bus Termination:** Reducing signal reflections in high-speed communication lines. --- ### 4. Advantages * **Space Saving:** Reduces the number of pick-and-place operations during manufacturing. * **Consistency:** Better matching of resistance values between channels compared to discrete resistors. * **Reliability:** Reduced solder joints on the board translates to a lower probability of mechanical failure.
    ✨ Follow-up Questions
    • ⤷What is the difference between an isolated and a bussed resistor array?
    • ⤷ How do I interpret the 'R15' marking for resistance values?
    • ⤷ Can these arrays be used in high-frequency RF applications?