RG2-407N-R15
AI

The **RG2-407N-R15** is a high-precision, thick-film chip resistor array typically manufactured by **Susumu Co., Ltd.** (or similar precision component specialists). These parts are designed to save PCB space by integrating multiple resistors into a single package while maintaining high reliability and tight tolerances.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the RG2-407N-R15:
| Feature | Specification |
| :--- | :--- |
| **Resistor Type** | Metal Thin Film / Thick Film Chip Resistor Array |
| **Resistance Value** | 0.15 $\Omega$ (indicated by "R15") |
| **Tolerance** | $\pm$ 0.5% or $\pm$ 1% (Series dependent) |
| **Power Rating** | Approx. 0.063W (1/16W) per element |
| **Operating Temp Range** | -55°C to +125°C |
| **Circuit Configuration** | 4-isolated resistors (4-pin or 8-pin package) |
| **Termination Style** | Convex or Concave terminals (SMD) |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in identifying its specific properties:
* **RG2**: The series designation (Thin film, high precision, multi-resistor array).
* **407**: Indicates the physical size and the number of resistors (usually 4 resistors in a 1206 or similar footprint).
* **N**: Temperature Coefficient (TCR) or specific designator for internal wiring.
* **R15**: The resistance value. "R" acts as the decimal point ($0.15$ Ohms).
---
## 3. Key Electronic Features
### A. High Integration
The RG2 series allows for a high density of components. By housing four resistors in one package, it reduces the "pick and place" time during manufacturing and saves roughly 30-50% of PCB real estate compared to four individual 0402 or 0603 resistors.
### B. Thermal Tracking
Because the resistors are on the same ceramic substrate, they experience nearly identical thermal conditions. This makes them excellent for:
* Voltage dividers.
* Differential signal termination.
* Feedback loops where ratio stability is more important than absolute value stability.
### C. Low Resistance Applications
At **0.15 $\Omega$**, this specific part is often used for:
* **Current Sensing:** Detecting small voltage drops to measure current flow.
* **Power Management:** Acting as a shunt resistor in battery-operated devices.
* **LED Driver circuits:** Balancing current across multiple LED strings.
---
## 4. Common Applications
* **Automotive Electronics:** Control units requiring high reliability.
* **Industrial Automation:** Sensor interfaces and signal conditioning.
* **Telecommunications:** High-speed data line termination.
* **Medical Equipment:** High-precision instrumentation.
- ⤷
What are the footprint dimensions for the RG2-407N series?
- ⤷ Can this resistor be used in high-frequency RF circuits?
- ⤷ What is the maximum voltage rating for the RG2-407N-R15?