công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RG2-306N-R15

  • AI
    The **RG2-306N-R15** is a high-precision, thick-film chip resistor array typically used in automotive and industrial electronic circuits. It belongs to a class of passive components designed to save space on Printed Circuit Boards (PCBs) by integrating multiple resistors into a single package. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for this component: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 15 $\Omega$ (indicated by the 'R15' suffix) | | **Tolerance** | Usually ±0.5% to ±5% (Series dependent) | | **Power Rating** | 0.063W (1/16W) per element | | **Package Type** | Convex Terminal Chip Resistor Array | | **Number of Resistors** | 4 Resistors (8 Terminals) | | **Temperature Coefficient** | ±200 ppm/°C | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Physical Structure and Pinout The "RG" series usually features a **Convex Terminal** design. This means the solder joints are easily inspectable, which is a requirement for high-reliability automotive applications. * **Internal Circuit:** It consists of 4 independent resistors isolated from each other. * **Dimensions:** Often follows the 0603 (metric 1608) or 1206 (metric 3216) footprint standards for the overall package size. --- ### 3. Part Number Breakdown Understanding the nomenclature helps in identifying variants: | Code Segment | Meaning | | :--- | :--- | | **RG2** | Series designation (Standard Chip Resistor Array) | | **306** | Package size/Physical dimensions code | | **N** | Internal circuit type (Isolated resistors) | | **R15** | Resistance value (0.15$\Omega$ or 15$\Omega$ depending on manufacturer scale) | --- ### 4. Common Applications * **Pull-up/Pull-down Networks:** Used in digital logic circuits to ensure stable high or low states on data lines. * **Damping Resistors:** Placed in series with high-speed data lines to reduce signal reflection and EMI. * **LED Current Limiting:** Driving multiple LEDs with a single compact component. * **Space-constrained PCB designs:** Reducing the component count and pick-and-place time during manufacturing. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between convex and concave terminals in resistor arrays?
    • ⤷ How do I calculate the total power dissipation for the RG2-306N-R15 package?
    • ⤷ Can this resistor array be used in automotive AEC-Q200 qualified designs?