công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RG2-305S-R15

  • AI
    The **RG2-305S-R15** is a high-precision, low-profile **DC-DC Converter** module, typically part of a regulated power supply series. These components are designed to convert a source of direct current (DC) from one voltage level to another with high efficiency. --- ### 1. Key Technical Specifications Based on standard naming conventions for this series of converters, the technical breakdown is as follows: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | Wide range (e.g., 4.5V to 9V or 9V to 18V) | | **Output Voltage** | 5V DC (Regulated) | | **Output Current** | 300mA to 500mA (Design dependent) | | **Isolation** | 1kV to 3kV DC Isolation | | **Package Type** | SIP (Single In-line Package) or DIP | | **Efficiency** | 75% - 85% | --- ### 2. Internal Electronic Architecture The module is not just a single chip but a collection of electronic parts miniaturized into a single block: * **Switching Controller:** An IC that manages the Pulse Width Modulation (PWM) to regulate the output voltage. * **Transformer:** A small ferrite core transformer that provides galvanic isolation between the input and output circuits. * **Capacitors:** Integrated ceramic capacitors (MLCC) used for input/output filtering to reduce ripple and noise. * **Inductors:** Used for energy storage and smoothing the current. * **Diodes/Rectifiers:** High-speed Schottky diodes used to rectify the AC signal coming from the internal transformer back into DC. --- ### 3. Pin Configuration (General) Most converters in this series follow a standard pinout: 1. **+Vin:** Positive input supply. 2. **-Vin:** Ground/Negative input. 3. **+Vout:** Regulated positive output. 4. **-Vout / Common:** Output return/ground. --- ### 4. Common Applications * **Industrial Automation:** Used to isolate sensitive logic circuits from noisy power rails. * **Data Communication:** Providing clean power to RS-232 or RS-485 interfaces. * **Sensors:** Powering analog sensors that require a stable 5V rail independent of the main system fluctuations. --- ### 5. Implementation Example To use this part effectively, it is recommended to add external components to improve performance: ```cpp // Schematic Concept: // [Vin] --- [C1: 10uF] --- [RG2-305S-R15] --- [C2: 4.7uF] --- [Vout] // | | // [GND] [GND] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact input voltage range for the R15 variant?
    • ⤷ Does this model feature short-circuit protection?
    • ⤷ What are the thermal derating limits for the RG2 series?