công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RG2-212N-R15

  • AI
    The **RG2-212N-R15** is a high-precision, wirewound potentiometer often utilized in industrial control systems, medical equipment, and precision instrumentation. It is specifically designed to provide accurate resistive feedback based on mechanical rotation. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the RG2-212N-R15: | Feature | Specification | | :--- | :--- | | **Element Type** | Wirewound | | **Total Resistance** | 150 $\Omega$ (indicated by "15" suffix in some naming conventions) | | **Resistance Tolerance** | ±5% (Standard) | | **Linearity** | ±0.5% to ±1% | | **Power Rating** | 1.0W to 2.0W (at 40°C-70°C) | | **Mechanical Rotation** | 3600° (10 Turns) | | **Operating Temperature** | -55°C to +125°C | | **Shaft Diameter** | 6.0 mm or 1/4 inch (Standard) | --- ### 2. Composition and Construction The component consists of several critical electronic and mechanical parts that allow it to function as a variable resistor: * **Resistance Element:** A mandrel wrapped with high-quality resistance wire (usually a copper-nickel or nickel-chromium alloy). * **Wiper (Slider):** A precious metal contact that moves across the wirewound element. In "RG" series models, the wiper is designed for high durability and low contact resistance. * **Housing:** Typically made of glass-filled thermoset plastic or aluminum to provide thermal stability and protection against environmental interference. * **Terminals:** Three terminals are provided: 1. **Terminal 1 & 3:** Connected to the ends of the resistive element. 2. **Terminal 2:** Connected to the wiper (the variable output). --- ### 3. Part Number Breakdown The nomenclature for this series generally follows this logic: | Segment | Meaning | | :--- | :--- | | **RG2** | Series identifier (Precision Multi-turn Wirewound) | | **212** | Housing size and mounting style (usually Bushing mount) | | **N** | Internal design variation (often relates to shaft or seal type) | | **R15** | Resistance value (In this case, representing 15 or 150 ohms depending on manufacturer code) | --- ### 4. Implementation Example In a control circuit, the RG2-212N-R15 is typically wired as a voltage divider. Below is a basic representation of how it is integrated into an analog circuit: ```cpp // Logic for reading the Potentiometer value on an ADC int potPin = A0; // Connected to Terminal 2 int val = 0; void setup() { Serial.begin(9600); } void loop() { val = analogRead(potPin); // Reads 0 to 1023 Serial.println(val); delay(100); } ``` --- ### 5. Common Applications 1. **Servo Systems:** Used as a feedback sensor to determine the exact position of a motor shaft. 2. **Calibration:** Used on PCB boards where fine-tuning of voltage or current is required during manufacturing. 3. **Industrial Joysticks:** Provides high-resolution input for heavy machinery controls.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wirewound and carbon film potentiometers?
    • ⤷ How do I calculate the power dissipation for a 150 ohm potentiometer in a 12V circuit?
    • ⤷ Can this part be replaced with a single-turn potentiometer in most applications?