công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RG1-405S-R15

  • AI
    The **RG1-405S-R15** is a high-precision, thin-film chip resistor part of Susumu’s **RG series**. These components are specifically designed for applications requiring high reliability, low noise, and extreme stability over time and temperature. --- ### 1. Technical Specifications The part number defines its core electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 40.5 $\Omega$ (indicated by "405") | | **Tolerance** | $\pm$0.02% or $\pm$0.05% (S-grade is typically ultra-tight) | | **Power Rating** | 0.063W (1/16W) | | **Temperature Coefficient (TCR)** | $\pm$5 ppm/°C (R-grade) | | **Case Size** | 0603 (Metric 1608) | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Key Features * **Thin-Film Technology:** Unlike thick-film resistors, these use a sputtered metal film on a ceramic substrate, allowing for much tighter tolerances and lower noise. * **Long-Term Stability:** The inorganic passivated structure provides excellent resistance to environmental factors like humidity and heat. * **Low Noise:** The thin-film structure minimizes "Current Noise," making it ideal for high-fidelity audio or sensitive sensor circuits. * **Sulfur Resistance:** Designed to resist "sulfuration," a common failure mode in industrial environments where sulfur gases react with the silver in standard resistors. --- ### 3. Internal Structure The RG series utilizes a unique "longitudinal" design: 1. **Alumina Substrate:** High-purity ceramic base for heat dissipation. 2. **Resistive Element:** Metal thin-film (Ni-Cr alloy). 3. **Protective Coating:** Multiple layers of glass/inorganic coating for environmental protection. 4. **Terminations:** Lead-free plating (typically Sn) over a Ni barrier to prevent solder leaching. --- ### 4. Typical Applications Because of its high precision and stability, the RG1-405S-R15 is commonly used in: * **Medical Equipment:** MRI machines and patient monitoring systems where signal accuracy is life-critical. * **Automotive Electronics:** Engine Control Units (ECUs) and EV battery management systems. * **Industrial Instrumentation:** Precision scales, flow meters, and high-end test/measurement equipment. * **Telecommunications:** Base stations and high-speed networking hardware.
    ✨ Follow-up Questions
    • ⤷What is the difference between thin-film and thick-film resistors in terms of performance?
    • ⤷ How does the TCR (Temperature Coefficient of Resistance) affect a circuit's stability?
    • ⤷ What are the soldering recommendations for 0603-sized thin-film resistors?